công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU7261G bảng dữ liệu(PDF) 21 Page - Rohm

tên linh kiện BU7261G
Giải thích chi tiết về linh kiện  Full Swing Low Voltage Operation CMOS Operational Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BU7261G bảng dữ liệu(HTML) 21 Page - Rohm

Back Button BU7261G Datasheet HTML 17Page - Rohm BU7261G Datasheet HTML 18Page - Rohm BU7261G Datasheet HTML 19Page - Rohm BU7261G Datasheet HTML 20Page - Rohm BU7261G Datasheet HTML 21Page - Rohm BU7261G Datasheet HTML 22Page - Rohm BU7261G Datasheet HTML 23Page - Rohm BU7261G Datasheet HTML 24Page - Rohm BU7261G Datasheet HTML 25Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Technical Note
21/36
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7261/BU7261S family, BU7241/BU7241S family, BU7295/BU7295S family, BU7275/BU7275S family
BU7262/BU7262S family, BU7242/BU7242S family, BU7264/BU7264S family, BU7244/BU7244S family
●
Reference Data (BU7242 family)
(*)The above data is ability value of sample, it is not guaranteed. BU7242F/FVM/NUX: -40[℃] ~ +85[℃] BU7242S F/FVM/NUX: -40[℃] ~ +105[℃]
0
100
200
300
400
500
123
456
SUPPLY VOLTAGE [V]
0
20
40
60
80
0.00.51.01.5
2.02.53.0
OUTPUT VOLTAGE [V]
0
1
2
3
4
5
6
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
0
200
400
600
800
1000
0
50
100
150
AMBIENT TEMPERATURE [℃]
BU7242 family
Supply Current – Supply Voltage
0
200
400
600
800
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
Supply Current – Ambient Temperature
BU7242 family
0
10
20
30
40
50
60
123
456
SUPPLY VOLTAGE [V]
Output Voltage Low – Supply Voltage
(RL=10[kΩ])
BU7242 family
0
1
2
3
4
5
6
12
3456
SUPPLY VOLTAGE [V]
Output Voltage High – Supply Voltage
(RL=10[kΩ])
BU7242 family
0
10
20
30
40
50
60
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
Output Voltage Low – Ambient Temperature
(RL=10[kΩ])
BU7242 family
Output Sink Current – Output Voltage
(VDD=3[V])
BU7242 family
0
10
20
30
40
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE[℃]
BU7242 family
Output Sink Current – Ambient Temperature
(VOUT=VSS+0.4[V])
Output Voltage High – Ambient Temperature
(RL=10[kΩ])
BU7242 family
BU7242 family
85
Derating curve
BU7242 family
Derating curve
0
5
10
15
20
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
Output Source Current – Ambient Temperature
(VOUT=VDD-0.4[V])
BU7242 family
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
3
OUTPUT VOLTAGE [V]
Output Source Current – Output Voltage
(VDD=3[V])
85℃
-40℃
25℃
105℃
3.0V
1.8V
5.5V
-40℃
25℃
85℃
105℃
-40℃
25℃
85℃
105℃
1.8V
5.5V
3.0V
-40℃
25℃
85℃
105℃
5.5V
1.8V
3.0V
1.8V
5.5V
3.0V
BU7242F
BU7242FVM
BU7242SF
BU7242SFVM
1.8V
5.5V
3.0V
-40℃
25℃
85℃
105℃
BU7242 family
105
Fig.116
Fig.117
Fig.118
Fig.119
Fig.120
Fig.121
Fig.122
Fig.123
Fig.124
Fig.125
Fig.126
Fig.127
BU7242NUX
BU7242SNUX
0
200
400
600
800
1000
0
50
100
150
AMBIENT TEMPERATURE [℃]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com