| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XS2H-M12PVC4S2M bảng dữ liệu(PDF) 5 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
XS2H-M12PVC4S2M bảng dữ liệu(HTML) 5 Page - Omron Electronics LLC |
|
5 / 18 page ![]() Round Water-resistant Connectors (M12) XS2 143 ■ XS2W - Socket and Plug on Cable Ends Dimensions (Unit: mm) Wiring Diagram Ordering Information Model Number Legend Use this model number legend to identify products from their model number. When ordering, use a model number from the table in Ordering Information. 1. Screw Type M12: M12 size 2. Cable type PVC: PVC cable PUR: PUR cable 3. Number of Poles 4: 4 cores 5: 5 cores 4. Shape SS: Straight / Straight 5. Cable Length 2M: 2 m 5M: 5 m 1M: 10 m 4 cores 5 cores Connector Size Cable material Cores Shape Length (m) Product description Plug Socket Both M12 PVC 4 Straight Straight 2 XS2W-M12PVC4SS2M 5 XS2W-M12PVC4SS5M 10 XS2W-M12PVC4SS10M 5 2 XS2W-M12PVC5SS2M 5 XS2W-M12PVC5SS5M 10 XS2W-M12PVC5SS10M PUR 4 2 XS2W-M12PUR4SS2M 5 XS2W-M12PUR4SS5M 10 XS2W-M12PUR4SS10M 5 2 XS2W-M12PUR5SS2M 5 XS2W-M12PUR5SS5M 10 XS2W-M12PUR5SS10M XS2W-M12PVC @SS@@M PVC Cable XS2W-M12PUR @SS@@M PUR Cable 14.9 dia. 14.9 dia. 40.7 L 44.7 Straight/Straight 1 2 3 4 1 2 3 4 Contact No. Contact No. 1 2 3 4 5 1 2 3 4 5 Contact No. Contact No. XS2W - M12 @@@ @SS @@M 12 3 4 5 |