| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATS685LSHTN-T bảng dữ liệu(PDF) 10 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS685LSHTN-T bảng dữ liệu(HTML) 10 Page - Allegro MicroSystems |
|
10 / 15 page ![]() Two-Wire, Zero Speed Differential Gear Tooth Sensor IC ATS685LSH 10 Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com Power-On The ATS685 is guaranteed to power-on in the high current state, ICC(High). When power (VCC > VCC (min)) is applied to the device, a short period of time is required to power the vari- ous portions of the circuit. During this period, the ATS685 will power-on in the high current state, ICC(High). Initial Edge Detection The device self-calibrates using the initial teeth sensed, and then enters running mode. This results in reduced accuracy for a brief period, CALI. However, this period allows the device to optimize for running mode operation. As shown in figure 6, the first three high peak signals corresponding to rising output edges are used to calibrate AGC (Automatic Gain Control). There is a slight vari- ance in the duration of initialization, depending on what target feature is opposite the sensor IC when power-on occurs. Also, a high speed of target rotation at power-on may increase the quan- tity required in the CALI period. Figure 6. Power-On Initial Edge Detection. This figure demonstrates four typical power-on scenarios. All of these examples assume that the target is moving relative to the sensor IC in the direction indicated (from pin 1 to pin 4) and the voltage output is configured for low-side sensing, VOUT(Low). The length of time required to overcome Start Mode Hysteresis, as well as the combined effect of whether it is overcome in a positive or negative direction plus whether the next edge is in that same or opposite polarity, affect the point in time when AGC calibration begins. Three high peaks are always required for AGC calibration when fOP ≤ 200 Hz, and more may be required at greater speeds. Target (Gear) ICC ICC ICC ICC ICC ICC ICC ICC Power-on opposite tooth Power-on at falling mechanical edge Power-on at rising mechanical edge Power-on opposite valley AGC Calibration Running Mode AGC Calibration Running Mode AGC Calibration Running Mode AGC Calibration Running Mode Device Position 1 1 4 4 2 2 3 3 Start Mode Hysteresis Overcome Start Mode Hysteresis Overcome Start Mode Hysteresis Overcome Start Mode Hysteresis Overcome |