| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GL30G bảng dữ liệu(PDF) 2 Page - Glenair, Inc. |
|
|
|||||||||||||||||||||||||||||
GL30G bảng dữ liệu(HTML) 2 Page - Glenair, Inc. |
|
2 / 3 page ![]() 22 GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 © 2003 Glenair, Inc. Printed in U.S.A. CAGE Code 06324 www.glenair.com E-Mail: sales@glenair.com Male Bulkhead Connectors Geo-Marine® 10KPSI Underwater Interconnects Part Number Development Male Cable Assemblies Female Cable Assemblies Contact Size/ Quantity 1 # 10 1 # 0 1 # 10, 1 # 12 1 # 10, 2 # 12 1 # 12, 3 # 16 1 # 10, 3 #12 1 #10, 4 #16 1 # 12, 5 # 16 1 # 12, 7 # 16 Cable Length* 2 Feet 2 Feet 2 Feet 2 Feet 2 Feet 2 Feet 2 Feet 2 Feet 2 Feet Part Number GL20G1P-M GL20K1P-M GL20G2P-M GL20G3P-M GL20G4P-M GL20K4P-M GL20K5P-M GL20K6P-M GL20K8P-M A Dia .75 (19.1) 1.06 (26.9) .75 (19.1) .75 (19.1) .75 (19.1) 1.06 (26.9) 1.06 (26.9) 1.06 (26.9) 1.06 (26.9) B 2.65 (67.3) 3.25 (82.6) 2.65 (67.3) 2.65 (67.3) 2.65 (67.3) 3.25 (82.6) 3.25 (82.6) 3.25 (82.6) 3.25 (82.6) C 2.00 (50.8) 2.62 (66.5) 2.00 (50.8) 2.00 (50.8) 2.00 (50.8) 2.62 (66.5) 2.62 (66.5) 2.62 (66.5) 2.62 (66.5) Number of Contacts 5 6 8 1 2 3 4 *For other lengths, add overall length in feet to the part number. Example: GL20G1P-M-6 specifies a cable assembly 6 feet in length. 5 6 8 3 *For other lengths, add overall length in feet to the part number. Example: GL20G1S-F-6 specifies a cable assembly 6 feet in length. Contact Size/ Quantity 1 # 10 1 # 0 1 # 10, 1 # 12 1 # 10, 2 # 12 1 # 12, 3 # 16 1 # 10, 3 #12 1 #10, 4 #16 1 # 12, 5 # 16 1 #12, 7 #16 Cable Length* 2 Feet 2 Feet 2 Feet 2 Feet 2 Feet 2 Feet 2 Feet 2 Feet 2 Feet Part Number GL20G1S-F GL20K1S-F GL20G2S-F GL20G3S-F GL20G4S-F GL20K4S-F GL20K5S-F GL20K6S-F GL20K8S-F A Dia .75 (19.1) 1.06 (26.9) .75 (19.1) .75 (19.1) .75 (19.1) 1.06 (26.9) 1.06 (26.9) 1.06 (26.9) 1.06 (26.9) B 2.65 (67.3) 3.50 (88.9) 2.65 (67.3) 2.65 (67.3) 2.65 (67.3) 3.50 (88.9) 3.50 (88.9) 3.50 (88.9) 3.50 (88.9) Number of Contacts 1 2 4 Contact Size/ Quantity 1 #10 1 #0 1 #10, 1 #12 1 #10, 2 #12 1 #12, 3 #16 1 #10, 3 #12 1 #10, 4 #16 1 #12, 5 #16 1 #12, 7 #16 Part Number GL30G1P-BC GL30K1P-BC GL30G2P-BC GL30G3P-BC GL30G4P-BC GL30K4P-BC GL30K5P-BC GL30K6P-BC GL30K8P-BC A 2.625 (66.7) 3.625 (92.1) 2.625 (66.7) 2.625 (66.7) 2.625 (66.7) 3.625 (92.1) 3.625 (92.1) 3.625 (92.1) 3.625 (92.1) B .625 (15.9) 1.375 (34.9) .625 (15.9) .625 (15.9) .625 (15.9) 1.375 (34.9) 1.375 (34.9) 1.375 (34.9) 1.375 (34.9) C Max 1.58 (40.1) 1.89 (48.0) 1.58 (40.1) 1.58 (40.1) 1.58 (40.1) 1.89 (48.0) 1.89 (48.0) 1.89 (48.0) 1.89 (48.0) D Hex 1.375 (34.9) 1.625 (41.3) 1.375 (34.9) 1.375 (34.9) 1.375 (34.9) 1.625 (41.3) 1.625 (41.3) 1.625 (41.3) 1.625 (41.3) E Thread 3/4 - 16 1 - 14 3/4 - 16 3/4 - 16 3/4 - 16 1 - 14 1 - 14 1 - 14 1 - 14 No. of Contacts 5 6 8 1 2 3 4 B C A B A C A .560 (14.2) B D |