công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

B3D bảng dữ liệu(PDF) 4 Page - Omron Electronics LLC

tên linh kiện B3D
Giải thích chi tiết về linh kiện  Ultra-low Profile Dome Key
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3D bảng dữ liệu(HTML) 4 Page - Omron Electronics LLC

  B3D Datasheet HTML 1Page - Omron Electronics LLC B3D Datasheet HTML 2Page - Omron Electronics LLC B3D Datasheet HTML 3Page - Omron Electronics LLC B3D Datasheet HTML 4Page - Omron Electronics LLC B3D Datasheet HTML 5Page - Omron Electronics LLC B3D Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
272
Ultra-low Profile Dome Key
B3D
PCB Pattern Diagrams
B3D-4112
B3D-5112
Precautions
■ Attaching to the PCB
Remove the Dome Key from the sheet using tweezers or a vacuum
pick-up tool, and attach it above the contact on the PCB surface,
which has been wiped clean in advance. Press down on the top sur-
face using an elastic material, such as urethane rubber, and a force
of 2.94 to 4.9 N. Place a positioning mark (circle) on the PCB for
easy positioning.
Make sure that the position of the Dome Key is aligned correctly
before use. Significant misalignment may result in short-circuits or
reduced sensitivity.
Note: The recommended vacuum pick-up tool is the Hozan P-835
Vacuum Pick with an M suction pad (7-mm dia.).
Do not reuse a B3D Dome Key that has been detached from the
PCB. Attach a new Dome Key to the PCB.
Do not touch the contact dome with bare hands, or with unclean
gloves. Doing so may damage the contact dome, which is the part
that comes in contact with the PCB.
■ Reflow Soldering
The Dome Key cannot withstand heat from reflow soldering. Always
perform reflow soldering before attaching the Dome Key to the PCB.
■ Washing
Do not wash the Dome Key. The Dome Key is not water-resistant and
must not be exposed to water or other liquids.
■ Common Precautions
Be sure to read the precautions common to all Tactile Switches,
contained in the Technical User’s Guide, “Tactile Switches, Technical
Information” for correct use.



Html Pages

1 2 3 4 5 6