| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS8221 bảng dữ liệu(PDF) 21 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS8221 bảng dữ liệu(HTML) 21 Page - ams AG |
|
21 / 41 page ![]() AS8221 Datasheet - Application In form atio n www.austriamicrosystems.com/flexray/AS8221 Revision 1.4 21 - 41 Note: S = transition forced via EN, STBN; U = transition forced via undervoltage or voltage recovery; W = transition forced via WAKE (1) Indicates the action, that initiates the transition (2) Indicates the consequence after performed transition (3) In case the wake flag is set, it is not possible to enter SLEEP mode through a Sleep command, requested by the host. (4) In case an undervoltage on VBAT and VCC is detected, the device enters the POWER-OFF state. GO-TO-SLEEP NORMAL S L L L X (1) L →HH STANDBY S L L L X L (1) H →L UL L (1) L →H(2) X→LL H SLEEP SL L L L L H t ≥tSLEEP U(1) L →HL L (2) X →LL H U L (1) L →H L (2) X →LL H GO-TO-SLEEP W L L L (1) L →HL H sleep timer disabled SLEEP NORMAL SL L L L (1) L →HH W(2) X →L(2) X→L(2) X→L(1) L→HH H U L (1) H →LL L H H U(1) H →LL L L H H RECEIVE-ONLY SL L L L (1) L →HL W(2) X →L(2) X→L(2) X→L(1) L→HH H U L (1) H →LL L H L U(1) H →LL L L H L STANDBY W(2) X →L(2) X→L(2) X→L(1) L→HL L U L (1) H →LL L L L U(1) H →LL L L L L U(1) H →LL H L X X GO-TO-SLEEP W(2) X →L(2) X→L(2) X→L(1) L→HL H sleep timer disabled U L (1) H →LL L L H sleep timer disabled U(1) H →LL L L L H sleep timer disabled SLEEP S X X X L X (1) L ↔H SH L X L (1) L ↔HX SL H L L (1) L ↔HX SH H L L (1) L ↔HX U X (1) L →HL L X X U(1) L →HX X L X X UL L (1) L ↔HL X X Table 7. Transition Table Transition Event Under Voltage Flag Wake Flag Host Input Remarks Start Point Destination VIO VBAT VCC STBN EN |