| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BA8522RFVM bảng dữ liệu(PDF) 13 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA8522RFVM bảng dữ liệu(HTML) 13 Page - Rohm |
|
13 / 49 page ![]() Technical Note 13/48 BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV, BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. -6 -4 -2 0 2 4 6 ±0 ±2 ±4 ±6 ±8 ±10 ±12 ±14 ±16 SUPPLY VOLTAGE [V] -20 -15 -10 -5 0 5 10 15 20 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [℃] -40℃ 85℃ 25℃ VOH -20 -15 -10 -5 0 5 10 15 20 0 5 10 15 20 25 OUTPUT CURRENT [mA] VOL VOL VOH BA4558 family BA4558 family BA4558 family 0 10 20 30 40 50 60 70 80 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [℃] 0 10 20 30 40 50 60 70 80 ±0 ±2 ±4 ±6 ±8 ±10 ±12 ±14 ±16 SUPPLY VOLTAGE [V] -6 -4 -2 0 2 4 6 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [℃] -40℃ 25℃ 85℃ ±4V ±7.5V ±15V ±15V ±7.5V ±4V BA4558 family BA4558 family BA4558 family 0 200 400 600 800 1000 0 25 50 75 100 125 AMBIENT TEMPERTURE [℃] . 0.0 1.0 2.0 3.0 4.0 5.0 -50 -25 0 25 50 75 100 AMBIENT TEMPERATURE [℃] 0.0 1.0 2.0 3.0 4.0 5.0 0 5 10 15 20 25 30 35 SUPPLY VOLTAGE [V] BA4558F BA4558 family 25℃ 85℃ BA4558 family -40℃ BA4558 family ±4 V ±15V ±7.5 V 85 0 5 10 15 20 25 30 0.1 1 10 LOAD RESISTANCE [kΩ] -20 -15 -10 -5 0 5 10 15 20 ±2 ±4 ±6 ±8 ±10 ±12 ±14 ±16 ±18 SUPPLY VOLTAGE [V] -20 -15 -10 -5 0 5 10 15 20 0.1 1 10 LOAD RESISTANCE [kΩ] VOH VOH VOL VOL BA4558 family BA4558 family BA4558 family ● Reference Data BA4558 family Fig. 1 Derating Curve Fig. 2 Supply Current - Supply Voltage Fig.3 Supply Current - Ambient Temperature Fig.4 Maximum Output Voltage Swing - Load Resistance (VCC/VEE=+15[V]/-15[V], Ta=25[℃]) Fig.5 Maximum Output Voltage - Load Resistance (VCC/VEE=+15[V]/-15[V], Ta=25[℃]) Fig.6 Maximum Output Voltage - Supply Voltage (RL=2[kΩ], Ta=25[℃]) Fig.7 Maximum Output Voltage - Ambient Temperature (VCC/VEE=+15[V]/-15[V], RL=2[kΩ]) Fig.8 Maximum Output Voltage - Output Current (VCC/VEE=+15[V]/-15[V], Ta=25[℃]) Fig.9 Input Offset Voltage - Supply Voltage (Vicm=0[V], Vout=0[V]) Fig.10 Input Offset Voltage - Ambient Temperature (Vicm=0[V], Vout=0[V]) Fig.11 Input Bias Current - Supply Voltage (Vicm=0[V], Vout=0[V]) Fig.12 Input Bias Current - Ambient Temperature (Vicm=0[V], Vout=0[V]) (*)The above data is ability value of sample, it is not guaranteed. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |