| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BA3131FS bảng dữ liệu(PDF) 3 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA3131FS bảng dữ liệu(HTML) 3 Page - Rohm |
|
3 / 5 page ![]() 3/4 REV. B Block Diagram Terminal Number/ Terminal Name Application example (1) Numbers and data in entries are representative design values and are not guaranteed values of the items. (2)Although we are confident in recommending the sample application circuits, carefully check their characteristics further when using them. When modifying externally attached component constants before use, determine them so that they have sufficient margins by taking into account variations in externally attached components and the Rohm LSI, not only for static characteristics but also including transient characteristics. (3) Absolute maximum ratings If applied voltage, operating temperature range, or other absolute maximum ratings are exceeded, the LSI may be damaged. Do not apply voltages or temperatures that exceed the absolute maximum ratings. If you think of a case in which absolute maximum ratings are exceeded, enforce fuses or other physical safety measures and investigate how not to apply the conditions under which absolute maximum ratings are exceeded to the LSI. (4) GND potential Make the GND pin voltage such that it is the lowest voltage even when operating below it. Actually confirm that the voltage of each pin does not become a lower voltage than the GND pin, including transient phenomena. (5) Thermal design Perform thermal design in which there are adequate margins by taking into account the allowable power dissipation in actual states of use. Terminal Number Terminal Name 1 +IN1A 2 -IN1A 3 +IN1B 4 -IN1B 5 +IN1C 6 -IN1C 7 OUT1 8 SW1 9 SW2 10 GND 11 Vcc 12 1/2 Vcc 13 Vref OUT 14 OUT2 15 -IN2C 16 +IN2C 17 -IN2B 18 +IN2B 19 -IN2A 20 +IN2A |