| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STV7623WPB3 bảng dữ liệu(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV7623WPB3 bảng dữ liệu(HTML) 4 Page - STMicroelectronics |
|
4 / 27 page ![]() Description STV7623 4/27 Doc ID 018939 Rev 1 1.1 Pin description Figure 2. PCB-Less COF pinout diagram Figure 2 shows the possible design of a custom COF with wire on array (WOA) routing (PCB-less). This example supports only 480 outputs. Table 2. Pin description Pin name I/O Function Description CLK In Shift clock Input Clock input for the chip internal shift register. Data is shifted at each rising edge of this clock. DIR In Shift direction Control pin This pin controls the output shifting direction. STV1 STV2 I/O Start pulse input/output pin These pins are used to control the channel start pulse input or output pin. The function of these two pins depends on the status of DIR pin (refer to the Section 3: Truth tables) BLANK In Output enable control This pin is used to control the channel output. When BLANK is high, the shift register is bypassed (overriden) and all driver outputs are fixed to VN level instantly, (when POL= L). It is assumed this signal affect few outputs O U T480 VP DVD D DG N D VN ST V 2 T EST DIR CL K BL ANK PO L BL ANK CL K DIR LE N G TH ST V 1 VN DG N D DVD D VP 0U T 1 Te s t1 0 Te s t9 Te s t8 Te s t7 Te s t6 Te s t5 Te s t4 Te s t3 Te s t2 Te s t1 Te s t2 0 Te s t1 9 Te s t1 8 Te s t1 7 Te s t1 6 Te s t1 5 Te s t1 4 Te s t1 3 Te s t1 2 Te s t1 1 Te st1 0 Test9 Test8 Test7 Test6 Test5 Test4 Test3 Test2 Test1 Te st1 0 Test9 Test8 Test7 Test6 Test5 Test4 Test3 Test2 Test1 Te st2 0 Te st1 9 Te st1 8 Te st1 7 Te st1 6 Te st1 5 Te st1 4 Te st1 3 Te st1 2 Te st1 1 Te st2 0 Te st1 9 Te st1 8 Te st1 7 Te st1 6 Te st1 5 Te st1 4 Te st1 3 Te st1 2 Te st1 1 O U T 480 VP DV DD DGND VN STV 2 T EST BL ANK PO L BL ANK CL K DIR LE N G T H STV 1 VN DGND DV DD VP 0U T 1 DV DD PO L DIR CL K DGND JU S T IF Y Test2 0 Test1 9 Test1 8 Test1 7 Test1 6 Test1 5 Test1 4 Test1 3 Test1 2 Test1 1 Test2 0 Test1 9 Test1 8 Test1 7 Test1 6 Test1 5 Test1 4 Test1 3 Test1 2 Test1 1 O u t480 O u t479 O u t478 O u t477 - - - - - - O u t480 O u t479 O u t478 O u t477 - - - - - - Test1 0 Test9 Test8 Test7 Test6 Test5 Test4 Test3 Test2 Test1 Test1 0 Test9 Test8 Test7 Test6 Test5 Test4 Test3 Test2 Test1 - - - - - - Ou t4 Ou t3 Ou t2 Ou t1 - - - - - - Ou t4 Ou t3 Ou t2 Ou t1 |