công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GL5EP5 bảng dữ liệu(PDF) 1 Page - Sharp Corporation

tên linh kiện GL5EP5
Giải thích chi tiết về linh kiện  첩5mm(T-1 3/4), Cylinder Type, Milky Diffusion, Dichromatic LED Lamps for Backlight/Indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SHARP [Sharp Corporation]
Trang chủ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL5EP5 bảng dữ liệu(HTML) 1 Page - Sharp Corporation

  GL5EP5 Datasheet HTML 1Page - Sharp Corporation GL5EP5 Datasheet HTML 2Page - Sharp Corporation GL5EP5 Datasheet HTML 3Page - Sharp Corporation GL5EP5 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
71
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
Dichromatic LED Lamp
GL5tt5 series
GL5tt5 series
s Outline Dimensions
Milky diffusion
ø5.0
±0.15
0.5
±0.2
2.5
±0.2
2.54
NOM
2.54
NOM
1.0MAX
1.1MAX
1
2
3
Pin connections
1
2
3
Anode
Cathode
Anode
HP
Yellow
Common
Red
ED/EP
Yellow-green
Common
Red
2.39
NOM
2.39
NOM
s Radiation Diagram
0˚
80
100
40
20
0
60
-20˚
-10˚
-30˚
+20˚
+30˚
+10˚
+40˚
+60˚
+80˚
+90˚
+70˚
+50˚
-40˚
-60˚
-80˚
-90˚
-70˚
-50˚
Yellow-green/Yellow
Red
GL5EP5
GL5ED5
GL5HP5
Yellow-green
Yellow-green
Red
Yellow
Red
Red
GaP
GaP
GaAsP on GaP
GaAsP on GaP
GaP
GaP
84
84
84
50
35
48
30
30
30
20
15
20
50
50
50
50
50
50
DC
0.40
0.40
0.40
0.27
0.20
0.27
Pulse
0.67
0.67
0.67
0.67
0.67
0.67
5
5
5
5
5
5
260
260
260
Model No. Radiation color Radiation material
Power dissipation
P*1
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM*2
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*3
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
-25 to +85
-25 to +100
-25 to +85
-25 to +100
-25 to +85
-25 to +100
*1 The value is specified under the condition that either color is lightened separately. When the both diodes are lightened simultaneously,
the power dissipation of each diode should be less than the half of the value specified in this table.
*2 Duty ratio=1/10, Pulse width=0.1ms
*3 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
s Absolute Maximum Ratings
GL5EP5
GL5ED5
GL5HP5
TYP
2.1
2.1
2.0
1.9
2.0
MAX
2.8
2.8
2.8
2.5
2.4
565
565
635
585
695
20
20
20
10
10
40
40
25
15
9.0
20
20
20
10
10
30
30
35
30
100
20
20
20
10
10
10
10
10
10
10
4
4
4
4
4
35
35
20
35
55
1
1
1
1
1
→
→
→
2.0
2.4
695
10
9.0
10
100
10
10
4
55
1
→
Model No.
Lens
type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
Radiation
color
Milky
diffusion
Yellow-green
Yellow-green
Red
Yellow
Red
Red
→
→
s Electro-optical Characteristics
(Unit : mm)
(Ta=25˚C)
ø5mm(T-1 3/4), Cylinder Type,
Milky Diffusion, Dichromatic LED
Lamps for Backlight/Indicator


Số phần tương tự - GL5EP5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
GL5ED44 ETC1-GL5ED44 Datasheet
1Mb / 11P
HIGH-LUMINOSITY LED LAMP
GL5ED5 ETC1-GL5ED5 Datasheet
1Mb / 11P
HIGH-LUMINOSITY LED LAMP
logo
Sharp Corporation
GL5ED60 SHARP-GL5ED60 Datasheet
200Kb / 3P
첩5mm(T-1 3/4), Cylinder Type(Flat Top), Milky Diffusion, Dichromatic LED Lamps for Backlight/Indicator
logo
List of Unclassifed Man...
GL5ED60 ETC1-GL5ED60 Datasheet
1Mb / 11P
HIGH-LUMINOSITY LED LAMP
GL5EDXXX ETC1-GL5EDXXX Datasheet
1Mb / 11P
HIGH-LUMINOSITY LED LAMP
More results

Mô tả tương tự - GL5EP5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sharp Corporation
GL3ED8 SHARP-GL3ED8 Datasheet
194Kb / 3P
첩3mmT-1, Cylinder Type, Milky Diffusion, Dichromatic LED Lamp for Backlight/Indicator
GL5ED60 SHARP-GL5ED60 Datasheet
200Kb / 3P
첩5mm(T-1 3/4), Cylinder Type(Flat Top), Milky Diffusion, Dichromatic LED Lamps for Backlight/Indicator
GL5HD60 SHARP-GL5HD60 Datasheet
73Kb / 3P
첩5mm(T-1 3/4), Cylinder Type(Flat Top), Milky Diffusion LED Lamps for Backlight/Indicator
GL5PR4 SHARP-GL5PR4 Datasheet
86Kb / 4P
첩5mm(T-1 3/4), Cylinder Type, Colored Diffusion LED Lamps for Wide Viewing Angle Indicator
GL5PR41 SHARP-GL5PR41 Datasheet
81Kb / 4P
첩5mm(T-1 3/4), Cylinder Type, Colored Transparency LED Lamps for Backlight/Indicator
GL5PR43 SHARP-GL5PR43 Datasheet
81Kb / 4P
첩5mm(T-1 3/4), Cylinder Type, Colorless Transparency LED Lamps for Indicator
GL5PR44 SHARP-GL5PR44 Datasheet
81Kb / 4P
첩5mm(T-1 3/4), Cylinder Type, Colorless Transparency LED Lamps for Backlight/Indicator
GL5PR8 SHARP-GL5PR8 Datasheet
81Kb / 4P
첩5mm(T-1 3/4), Cylinder Type, Colored Diffusion LED Lamps for Indicator
GL8ED5 SHARP-GL8ED5 Datasheet
226Kb / 4P
1.9X3.9mm, Rectangle Type, Milky Diffusion, Dichromatic LED Lamps for Indicator
GL9ED2 SHARP-GL9ED2 Datasheet
223Kb / 4P
2.0X5.0mm, Rectangle Type, Milky Diffusion, Dichromatic LED Lamps for Indicator
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com