công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

585-2425 bảng dữ liệu(PDF) 2 Page - Dialight Corporation

tên linh kiện 585-2425
Giải thích chi tiết về linh kiện  Multi-Chip BASED LED T 1 3/4 Wedge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALIGHT [Dialight Corporation]
Trang chủ  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

585-2425 bảng dữ liệu(HTML) 2 Page - Dialight Corporation

  585-2425 Datasheet HTML 1Page - Dialight Corporation 585-2425 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
a Roxboro Group Company
MDEL585WG001_A
POLARIZED
NON-POLARIZED
With the technological advancements in Light Emitting Diodes (LEDs) brightness can now rival the incandescent lamp when used
in similar packages. These advancements have created a new type of product called the based LED - an LED with the functionality
of an incandescent bulb.
The following styles are currently available in red, green, yellow, blue and white:
T 1 3/4 Midget Flange
T 1 3/4 Bi-Pin
T 1 3/4 Wedge (T5)
T 2 Telephone Slide
T 3 1/4 Miniature Bayonet (BA9s)
T 3 1/4 Miniature Screw (E10)
T 3 1/4 Wedge (T10)
15mm SC Bayonet (BA15s)
Dialight’s line of based LEDs continues to grow. Please visit our website for more information.
www.dialight.com
Based LE Ds
SELECTION
585-2211
Red
660
6
50
67
585-2311
Green
565
6
46
77
585-2411
Yellow
585
6
44
22
585-2213
Red
660
14
30
60
585-2313
Green
565
14
28
70
585-2413
Yellow
585
14
30
23
585-2215
Red
660
28
16
64
585-2315
Green
565
28
15
75
585-2415
Yellow
585
28
15
23
Peak
Nominal Voltage Forward Current
Intensity
Part Number
Color
Wavelength (nm)
(VDC)
TYP. (mA)
TYP. (mcd)
585-2221
Red
660
6
75
50
585-2321
Green
565
6
67
56
585-2421
Yellow
585
6
73
18
585-2223
Red
660
14
26
50
585-2323
Green
565
14
23
56
585-2423
Yellow
585
14
24
18
585-2225
Red
660
28
14
56
585-2325
Green
565
28
13
65
585-2425
Yellow
585
28
13
20
Peak
Nominal Voltage Forward Current
Intensity
Part Number
Color
Wavelength (nm)
(VDC)
TYP. (mA)
TYP. (mcd)
585 Series
Multi-Chip BASED LED
T 1 3/4 Wedge
Dialight reserves the right to make changes at any time
in order to supply the best product possible.



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com