công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MBR4015CTLG bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MBR4015CTLG
Giải thích chi tiết về linh kiện  SWITCHMODE Power Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR4015CTLG bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MBR4015CTLG Datasheet HTML 1Page - ON Semiconductor MBR4015CTLG Datasheet HTML 2Page - ON Semiconductor MBR4015CTLG Datasheet HTML 3Page - ON Semiconductor MBR4015CTLG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR4015CTL
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
15
V
Average Rectified Forward Current
(TC = 140°C per Diode)
(TC = 140°C per Device)
IF(AV)
20
40
A
Peak Repetitive Forward Current, per Diode (Square Wave, 20 kHz, TC = 135°C)
IFRM
40
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions, Halfwave, Single Phase, 60 Hz)
IFSM
150
A
Peak Repetitive Reverse Surge Current (2.0 ms, 1.0 kHz)
IRRM
1.0
A
Storage Temperature Range
Tstg
−65 to +175
°C
Operating Junction Temperature (Note 1)
TJ
−65 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
1,000
V/ms
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The heat generated must be less than the thermal conductivity from Junction−to−Ambient: dPD/dTJ < 1/RqJA.
THERMAL CHARACTERISTICS (Per Diode)
Characteristic
Conditions
Symbol
Max
Unit
Maximum Thermal Resistance, Junction−to−Case
Min. Pad
RqJC
1.3
°C/W
Maximum Thermal Resistance, Junction−to−Ambient
Min. Pad
RqJA
70
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typical
Max
Unit
Instantaneous Forward Voltage (Note 2)
(iF = 20 Amps, Tj = 125°C)
(iF = 40 Amps, Tj = 125°C)
(iF = 20 Amps, Tj = 25°C)
(iF = 40 Amps, Tj = 25°C)
vF
−
−
−
−
0.31
0.45
0.41
0.51
0.34
0.50
0.43
0.54
V
Instantaneous Reverse Current (Note 2)
(Rated dc Voltage, Tj = 125°C)
(Rated dc Voltage, Tj = 25°C)
iR
−
−
300
0.8
600
10
mA
2. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
0.5
0.4
0.3
0.2
0.1
0
0.1
1.0
10
100
0.1
1.0
10
100
0.6
125°C
150°C
25°C
100°C
75°C
0.5
0.4
0.3
0.2
0.1
0
0.6
125°C
150°C
25°C
100°C
75°C



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com