| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC431 bảng dữ liệu(PDF) 3 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC431 bảng dữ liệu(HTML) 3 Page - Semtech Corporation |
|
3 / 6 page ![]() SC431 © 1998 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320 ADJUSTABLE SHUNT REGULATOR April 13, 1998 3 SC431 0.5% SC431 1% SC431 2% Parameter Symbol Condition MIN TYP MAX MIN TYP MAX MIN TYP MAX UNITS Reference Voltage V REF V Z = VREF T A = 25°C I Z = 10mA (test circuit 1) 2.482 2.495 2.507 2.470 2.495 2.520 2.445 2.495 2.545 V V REF Temp Deviation V DEV T A = -40 to +85°C, VZ = VREF (test circuit 1) I Z = 10mA 8 17 8 25 15 30 mV Ratio of Change in V REF to Change in Cathode Voltage I Z = 10mA, ∆VZ = 10V to VREF -0.5 -2.7 -0.5 -2.7 -0.5 -2.7 mV/V I Z = 10mA, ∆VZ = 36V to 10V -1.0 -2.0 -1.0 -2.0 -1.0 -2.0 Reference Input Current I REF R1 = 10k Ω, R2 = ∞, I Z = 10mA (test circuit 2) 0.5 4 0.5 4 0.5 4 µA I REF Temp Deviation I REF(DEV) T A = -40 to +85°C, R1 = 10k Ω, R2 = ∞, I Z =10mA (test circuit 2) 0.4 1.2 0.4 1.2 0.4 1.2 µA Off State Cathode Current I Z (off) V REF = 0V, VZ = 36V (test circuit 3) 0.04 0.5 0.04 0.5 0.04 0.5 µA Dynamic Output Impedance r Z f < 1kHz, V Z = VREF I Z = 100uA to 100mA (test circuit 1) 0.25 0.5 0.25 0.5 0.25 0.5 Ω Minimum Operating Current I Z (min) V Z = VREF (test circuit 1) 100 100 100 µA RECOMMENDED OPERATING CONDITIONS Min Max Symbol Cathode Voltage, V Z V REF 36 V Cathode Current, I Z 0.1 150 mA TEST CIRCUITS Test Circuit 1: V Z = VREF Test Circuit 2: V Z > VREF Test Circuit 3: Off State Current Z REF V V ∆ ∆ ELECTRICAL CHARACTERISTICS Unless specified, T A = 25°C |