| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UB2012XG-S08-R bảng dữ liệu(PDF) 9 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UB2012XG-S08-R bảng dữ liệu(HTML) 9 Page - Unisonic Technologies |
|
9 / 17 page ![]() UB2012 Preliminary LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 9 of 17 www.unisonic.com.tw QW-R121-018 .b APPLICATION INFORMATION(Cont.) CURRENT REGULATION PHASE When the battery-pack voltage is less than the regulation voltage, VO(REG), the current is regulated by the UTC UB2012 . This advanced linear charge management IC monitors charge current at the SNS input by the voltage drop across a sense-resistor, RSNS, in series with the battery pack. In current sensing configuration (Figure 5), RSNS is between the VCC and SNS pins. Charge-current feedback, applied through pin SNS, maintains a voltage of VSNS across the current sense resistor. The following formula calculates the value of the sense resistor: O(REG) (SNS) SNS I V R = (1) Where IO(REG) is the desired charging current. |