| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC1456 bảng dữ liệu(PDF) 3 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC1456 bảng dữ liệu(HTML) 3 Page - Semtech Corporation |
|
3 / 5 page ![]() Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR © 2000 SEMTECH CORP. 652 MITCHELL ROAD NEWBURY PARK CA 91320 SC1456 PRELIMINARY - June 15, 2000 3 ELECTRICAL CHARACTERISTICS (1)(Cont.) Unless specified: V IN = 3.6V, VSET = GND, VEN = VIN, TA = 25°C. Values in bold apply over full operating ambient temperature range. Parameter Symbol Conditions Min Typ Max Units OUT1, OUT2 (Cont.) Dropout Voltage (2)(3) V D I OUT = 1mA 1.1 mV I OUT = 50mA 55 90 mV 120 I OUT = 100mA 110 180 mV 240 Current Limit I LIM 150 240 350 mA Output Voltage Noise e n 10Hz to 99kHz, I OUT = 50mA, COUT = 1µF 90 µV RMS C OUT = 100µF 75 Power Supply Rejection Ratio PSRR f = 120Hz 55 dB EN1, EN2 EN Input Threshold V IH 1.8 V V IL 0.4 EN Input Bias Current (4) I EN V EN = VIN 0 100 nA 200 SET1, SET2 Sense/Select Threshold V TH 20 55 80 mV SET Reference Voltage (2) V SET I OUT = 1mA 1.225 1.250 1.275 V 1mA ≤ I OUT ≤ 150mA, 2.5V ≤ VIN ≤ 5.5V 1.206 1.294 SET Input Leakage Current (4) I SET V SET = 1.3V 0.015 2.500 nA 5.000 OVER TEMPERATURE PROTECTION High Trip Level T HI 170 °C Hysteresis T HYST 10 °C NOTE: (1) This device is ESD sensitive. Use of standard ESD handling precautions is required. (2) Low duty cycle pulse testing with Kelvin connections required. (3) Defined as the input to output differential at which the output voltage drops 100mV below the value measured at a differential of 2V. (4) Guaranteed by design. |