công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC1406G bảng dữ liệu(PDF) 19 Page - Semtech Corporation

tên linh kiện SC1406G
Giải thích chi tiết về linh kiện  Power Supply Controller for Portable Pentium II & III SpeedStep Processors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEMTECH [Semtech Corporation]
Trang chủ  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1406G bảng dữ liệu(HTML) 19 Page - Semtech Corporation

Back Button SC1406G Datasheet HTML 15Page - Semtech Corporation SC1406G Datasheet HTML 16Page - Semtech Corporation SC1406G Datasheet HTML 17Page - Semtech Corporation SC1406G Datasheet HTML 18Page - Semtech Corporation SC1406G Datasheet HTML 19Page - Semtech Corporation SC1406G Datasheet HTML 20Page - Semtech Corporation SC1406G Datasheet HTML 21Page - Semtech Corporation SC1406G Datasheet HTML 22Page - Semtech Corporation SC1406G Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
ã 2000 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1406G
The current in the control FET is approximately:
X.
This current also should be used to size input capacitors; the
three input capacitors need a ripple current rating of 1.8A each,
to meet this requirement. The synchronous FET should be sized
for the full output current. Since the drive is derived from 5V,
both FETs should be sized using R
DS(ON) and current ratings for
Vgs=4.5V.
Gate resistors are always recommended, and are required for
the control FET and for multiple synchronous FETs (one resistor
per gate). The value is dependent on FET selection and layout.
Generally, start with 2.2W to 4.7W for R11 -13 to evaluate the
circuit for EMI performance and Miller (gate to drain) capaci-
tance effects. Increasing the high-side FET gate resistor value
will lessen both problems, but at the expense of higher switch-
ing losses.
Miller capacitance in the low-side FET can cause it to turn ON as
the high-side FET turns on. It acts as a charge-pump capacitor to
couple the current from the fast dV/dt on the drain into the gate.
The voltage that appears on the low-side FET gate is:
Y.
If the voltage is sufficient to conduct significant current, then
efficiency is poor, and in extreme cases, the devices can be
damaged. For a given FET, Cgs is fixed, so one possible solution
is to slow down dV/dt; another is to reduce Zdrive. Reducing
Zdrive is primarily a function of layout and FET selection, since
the internal Rg of the FET can be on the order of 10W. The
SC1405 driver is typically 1W; so, given the short (10-20ns) dt,
Zdrive can be dominated by trace inductance. For long gate
drive traces, this inductance can resonate with the gate capaci-
tance; in this case, a few ohms of gate resistance can damp the
circuit and actually reduce the peak gate voltage. However, the
best practice is to locate the SC1405 as near as possible to the
low-side FET and run wide traces to the gate.
Other potential solutions are to choose FETs with a low Cds/Cgs
ratio, low Rg, or add a capacitor from the low-side gate drive to
ground to externally lower the Cds/Cgs ratio.
Charge Pump Design:
The high-side drive circuit is tied to the source of the FET at DRN
(pin 12) and rides along the switching (phase) node rather than
being hard referenced to ground. The drive circuit makes use of
this switching action to “pump” charge from the 5V source up to
the BST pin (pin 14) to drive the control FET. When Q4 and Q5
are ON, C17 is charged through D1 to nearly 5V; when Q4 and
Q5 turn off, this voltage is available to turn Q3 on. C17 rides
along with the source, maintaining the drive level.
The charge pump capacitor needs to be low impedance, with a
value at least 100 times the gate capacitance it has to charge.
Ceramic capacitors are recommended. Schottky diodes are
recommended for D1. Wide traces are also required for the
charge pump traces.
In very low power situations, the low side drive may be disabled
via use of the SMOD pin (pin 5). This pin effectively prevents
reverse current from flowing in the inductor, so the inductor
current becomes discontinuous and the operating frequency is
reduced. The reduced losses related to circulating current and
faster switching need to be compared with the additional loss in
using the diode rather than the synchronous rectifier to deter-
mine whether it improves low load efficiency in the system
application. In addition, the system must supply the SMOD
signal at the appropriate time.
Phase Node Design:
The phase node is one of the most critical nodes in the con-
verter design, and must be treated with care. When neither Q3
nor Q4 is on, the inductor current flows through D2. D2 should
be a Schottky diode with a forward voltage at the peak inductor
current less than the forward voltage of the parasitic diode of
the FET, to keep it from conducting, and improving efficiency.
Holding the gate of Q4 low until the phase node reaches 1V for
a high to low transition provides shoot-through protection. For a
low to high transition, the high-side driver is held off by an
internal 20ns delay. This period may be extended using C15,
connected to pin 6, to provide an additional delay of approxi-
mately 1ns/pF. Size C15 to provide dead time for the worst-
case drive conditions given the choice of control FET and gate
drive resistor.
The phase node voltage at DRN (pin 12) must not go below -2V;
very short (<25nS) pulses to -5V can be tolerated. Excessive
negative transients may result in double pulsing of the gate
drive, and in severe cases, device damage.
The phase node, since it switches at very high rates of speed, is
generally the largest source of common-mode noise in the
converter circuit. For this reason, it should be kept to a
minimum size consistent with its connectivity and current
carrying requirements. Occasionally, a snubber network (R17/
C18) is required to dampen parasitic ringing on the phase node
caused by parasitic inductance and capacitance excited by the
switching. One approach to snubber design is to record the
frequency and amplitude of ringing before the snubber, then add
pure capacitance until the frequency is reduced, then adding
resistance until the required damping is achieved.
IQ3RMS
ICC650MAX
dMAX
⋅
:=
IQ3RMS 5.44 A
=
VG
ZDRIVE
CDS
CGS
⋅
dV
dT
⋅
:=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com