công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F28023DAQ bảng dữ liệu(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320F28023DAQ
Giải thích chi tiết về linh kiện  Piccolo Microcontrollers
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28023DAQ bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button TMS320F28023DAQ Datasheet HTML 17Page - Texas Instruments TMS320F28023DAQ Datasheet HTML 18Page - Texas Instruments TMS320F28023DAQ Datasheet HTML 19Page - Texas Instruments TMS320F28023DAQ Datasheet HTML 20Page - Texas Instruments TMS320F28023DAQ Datasheet HTML 21Page - Texas Instruments TMS320F28023DAQ Datasheet HTML 22Page - Texas Instruments TMS320F28023DAQ Datasheet HTML 23Page - Texas Instruments TMS320F28023DAQ Datasheet HTML 24Page - Texas Instruments TMS320F28023DAQ Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 130 page
background image
TMS320F28027, TMS320F28026, TMS320F28023, TMS320F28022
TMS320F28021, TMS320F28020, TMS320F280200
www.ti.com
SPRS523F – NOVEMBER 2008 – REVISED DECEMBER 2010
Table 3-4. Impact of Using the Code Security Module
FLASH
ADDRESS
CODE SECURITY ENABLED
CODE SECURITY DISABLED
0x3F 7F80 – 0x3F 7FEF
Application code and data
Fill with 0x0000
0x3F 7FF0 – 0x3F 7FF5
Reserved for data only
Peripheral Frame 1 and Peripheral Frame 2 are grouped together to enable these blocks to be write/read
peripheral block protected. The protected mode makes sure that all accesses to these blocks happen as
written. Because of the pipeline, a write immediately followed by a read to different memory locations, will
appear in reverse order on the memory bus of the CPU. This can cause problems in certain peripheral
applications where the user expected the write to occur first (as written). The CPU supports a block
protection mode where a region of memory can be protected so that operations occur as written (the
penalty is extra cycles are added to align the operations). This mode is programmable and by default, it
protects the selected zones.
The wait-states for the various spaces in the memory map area are listed in Table 3-5 .
Table 3-5. Wait-states
AREA
WAIT-STATES (CPU)
COMMENTS
M0 and M1 SARAMs
0-wait
Fixed
Peripheral Frame 0
0-wait
Peripheral Frame 1
0-wait (writes)
Cycles can be extended by peripheral generated ready.
2-wait (reads)
Back-to-back write operations to Peripheral Frame 1 registers will incur
a 1-cycle stall (1-cycle delay).
Peripheral Frame 2
0-wait (writes)
Fixed. Cycles cannot be extended by the peripheral.
2-wait (reads)
L0 SARAM
0-wait data and program
Assumes no CPU conflicts
OTP
Programmable
Programmed via the Flash registers.
1-wait minimum
1-wait is minimum number of wait states allowed.
FLASH
Programmable
Programmed via the Flash registers.
0-wait Paged min
1-wait Random min
Random
≥ Paged
FLASH Password
16-wait fixed
Wait states of password locations are fixed.
Boot-ROM
0-wait
Copyright © 2008–2010, Texas Instruments Incorporated
Functional Overview
21
Submit Documentation Feedback
Product Folder Link(s): TMS320F28027 TMS320F28026 TMS320F28023 TMS320F28022 TMS320F28021
TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More