| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430F413IPM bảng dữ liệu(PDF) 48 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F413IPM bảng dữ liệu(HTML) 48 Page - Texas Instruments |
|
48 / 64 page ![]() MSP430x41x MIXED SIGNAL MICROCONTROLLER SLAS340J − MAY 2001 − REVISED DECEMBER 2008 48 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION port P6, P6.7 input/output with Schmitt trigger (MSP430F415/417 only) P6IN.7 Module X IN Pad Logic EN D P6OUT.7 P6DIR.7 P6SEL.7 DVss 0 1 0 1 Bus Keeper To SVS 0: Input 1: Output P6.7/SVSIN SVS VLDx=15 1 SVS VLDx=15 NOTE: Analog signals applied to digital gates can cause current flow from the positive to the negative terminal. The throughput current flows if the analog signal is in the range of transitions 0 →1 or 1→0. The value of the throughput current depends on the driving capability of the gate. For MSP430, it is approximately 100 μA. Use P6SEL.x=1 to prevent throughput current. P6SEL.x should be set, if an analog signal is applied to the pin. SVS VLDx = 15 P6SEL.7 P6DIR.7 Port Function 0 0 0 P6.7 Input 0 0 1 P6.7 Output 0 1 X Undefined 1 X X SVSIN |