công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430FE423AIPM bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430FE423AIPM
Giải thích chi tiết về linh kiện  MIXED SIGNAL MICROCONTROLLER
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430FE423AIPM bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button MSP430FE423AIPM Datasheet HTML 9Page - Texas Instruments MSP430FE423AIPM Datasheet HTML 10Page - Texas Instruments MSP430FE423AIPM Datasheet HTML 11Page - Texas Instruments MSP430FE423AIPM Datasheet HTML 12Page - Texas Instruments MSP430FE423AIPM Datasheet HTML 13Page - Texas Instruments MSP430FE423AIPM Datasheet HTML 14Page - Texas Instruments MSP430FE423AIPM Datasheet HTML 15Page - Texas Instruments MSP430FE423AIPM Datasheet HTML 16Page - Texas Instruments MSP430FE423AIPM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
MSP430FE42xA
MIXED SIGNAL MICROCONTROLLER
SLAS588 -- FEBRUARY 2008
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
WDT+ watchdog timer
The primary function of the watchdog timer (WDT+) module is to perform a controlled system restart after a
software problem occurs. If the selected time interval expires, a system reset is generated. If the watchdog
function is not needed in an application, the module can be configured as an interval timer and can generate
interrupts at selected time intervals.
Timer_A3
Timer_A3 is a 16-bit timer/counter with three capture/compare registers. Timer_A3 can support multiple
capture/compares, PWM outputs, and interval timing. Timer_A3 also has extensive interrupt capabilities.
Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare
registers.
TIMER_A3 SIGNAL CONNECTIONS
INPUT PIN
NUMBER
DEVICE INPUT
SIGNAL
MODULE INPUT
NAME
MODULE BLOCK
MODULE OUTPUT
SIGNAL
OUTPUT PIN
NUMBER
48 - P1.5
TACLK
TACLK
ACLK
ACLK
Timer
NA
SMCLK
SMCLK
Timer
NA
48 - P1.5
TACLK
INCLK
53 - P1.0
TA0
CCI0A
53 - P1.0
52 - P1.1
TA0
CCI0B
CCR0
TA0
DVSS
GND
CCR0
TA0
DVCC
VCC
51 - P1.2
TA1
CCI1A
51 - P1.2
51 - P1.2
TA1
CCI1B
CCR1
TA1
DVSS
GND
CCR1
TA1
DVCC
VCC
45 - P2.0
TA2
CCI2A
45 - P2.0
ACLK (internal)
CCI2B
CCR2
TA2
DVSS
GND
CCR2
TA2
DVCC
VCC
universal synchronous/asynchronous receive transmit (USART)
The MSP430FE42xA devices have one hardware USART peripheral module (USART0) that is used for serial
data communication. The USART supports synchronous SPI (3 or 4 pin) and asynchronous UART
communication protocols, using double-buffered transmit and receive channels.
ESP430CE1A
The ESP430CE1A module integrates a hardware multiplier, three independent 16-bit sigma-delta A/D
converters (SD16) and an embedded signal processor (ESP430). The ESP430CE1A module measures 2-wire
or 3-wire single-phase energy and automatically calculates parameters that are made available to the MSP430
CPU. The module can be calibrated and initialized to accurately calculate energy, power factor, etc., for a wide
range of metering sensor configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com