| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MSP430F2012IPW bảng dữ liệu(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F2012IPW bảng dữ liệu(HTML) 17 Page - Texas Instruments |
|
17 / 91 page ![]() MSP430F20x3 MSP430F20x2 MSP430F20x1 www.ti.com SLAS491G – AUGUST 2005 – REVISED APRIL 2011 Timer_A2 Timer_A2 is a 16-bit timer/counter with two capture/compare registers. Timer_A2 can support multiple capture/compares, PWM outputs, and interval timing. Timer_A2 also has extensive interrupt capabilities. Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare registers. Table 12. Timer_A2 Signal Connections (MSP430F20x1) INPUT PIN NUMBER MODULE OUTPUT PIN NUMBER DEVICE INPUT MODULE MODULE OUTPUT SIGNAL INPUT NAME BLOCK PW, N RSA PW, N RSA SIGNAL 2 - P1.0 1 - P1.0 TACLK TACLK ACLK ACLK Timer NA SMCLK SMCLK 2 - P1.0 1 - P1.0 TACLK INCLK 3 - P1.1 2 - P1.1 TA0 CCI0A 3 - P1.1 2 - P1.1 ACLK (internal) CCI0B 7 - P1.5 6 - P1.5 CCR0 TA0 VSS GND VCC VCC 4 - P1.2 3 - P1.2 TA1 CCI1A 4 - P1.2 3 - P1.2 CAOUT CCI1B 8 - P1.6 7 - P1.6 (internal) CCR1 TA1 VSS GND 13 - P2.6 12 - P2.6 VCC VCC Table 13. Timer_A2 Signal Connections (MSP430F20x2, MSP430F20x3) INPUT PIN NUMBER MODULE OUTPUT PIN NUMBER DEVICE INPUT MODULE MODULE OUTPUT SIGNAL INPUT NAME BLOCK PW, N RSA PW, N RSA SIGNAL 2 - P1.0 1 - P1.0 TACLK TACLK Timer NA ACLK ACLK SMCLK SMCLK 2 - P1.0 1 - P1.0 TACLK INCLK 3 - P1.1 2 - P1.1 TA0 CCI0A CCR0 TA0 3 - P1.1 2 - P1.1 7 - P1.5 6 - P1.5 ACLK (internal) CCI0B 7 - P1.5 6 - P1.5 VSS GND VCC VCC 4 - P1.2 3 - P1.2 TA1 CCI1A CCR1 TA1 4 - P1.2 3 - P1.2 8 - P1.6 7 - P1.6 TA1 CCI1B 8 - P1.6 7 - P1.6 VSS GND 13 - P2.6 12 - P2.6 VCC VCC Copyright © 2005–2011, Texas Instruments Incorporated 17 |