công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L6226Q bảng dữ liệu(PDF) 24 Page - STMicroelectronics

tên linh kiện L6226Q
Giải thích chi tiết về linh kiện  DMOS dual full bridge driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6226Q bảng dữ liệu(HTML) 24 Page - STMicroelectronics

Back Button L6226Q Datasheet HTML 20Page - STMicroelectronics L6226Q Datasheet HTML 21Page - STMicroelectronics L6226Q Datasheet HTML 22Page - STMicroelectronics L6226Q Datasheet HTML 23Page - STMicroelectronics L6226Q Datasheet HTML 24Page - STMicroelectronics L6226Q Datasheet HTML 25Page - STMicroelectronics L6226Q Datasheet HTML 26Page - STMicroelectronics L6226Q Datasheet HTML 27Page - STMicroelectronics L6226Q Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Thermal management
L6226Q
24/29
Doc ID 14335 Rev 5
8
Thermal management
In most applications the power dissipation in the IC is the main factor that sets the maximum
current that can be deliver by the device in a safe operating condition. Therefore, it has to be
taken into account very carefully. Besides the available space on the PCB, the right package
should be chosen considering the power dissipation. Heat sinking can be achieved using
copper on the PCB with proper area and thickness. For instance, using a VFQFPN32L 5x5
package the typical Rth(JA) is about 42 °C/W when mounted on a double-layer FR4 PCB with
a dissipating copper surface of 0.5 cm2 on the top side plus 6 cm2 ground layer connected
through 18 via holes (9 below the IC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29