công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VC-709 bảng dữ liệu(PDF) 3 Page - Vectron International, Inc

tên linh kiện VC-709
Giải thích chi tiết về linh kiện  HCSL, LVDS, LVPECL Crystal Oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VECTRON [Vectron International, Inc]
Trang chủ  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-709 bảng dữ liệu(HTML) 3 Page - Vectron International, Inc

  VC-709 Datasheet HTML 1Page - Vectron International, Inc VC-709 Datasheet HTML 2Page - Vectron International, Inc VC-709 Datasheet HTML 3Page - Vectron International, Inc VC-709 Datasheet HTML 4Page - Vectron International, Inc VC-709 Datasheet HTML 5Page - Vectron International, Inc VC-709 Datasheet HTML 6Page - Vectron International, Inc VC-709 Datasheet HTML 7Page - Vectron International, Inc VC-709 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page3
Performance Specifications
1. The VC-709 power supply pin should be filtered, eg, a 0.1 and 0.01uf capacitor.
2. Includes calibration tolerance, operating temperature, supply voltage variations, aging and IR reflow.
3. Figure 5 defines these parameters and Figure 4 defines the test circuit.
4. Duty Cycle is defined as the On/Time Period.
5. Measured using an Agilent E5052.
6. Measured using a LeCroy Wavemaster 8600A, 90K samples.
7. Measured using a Wavecrest SIA3300C, 90K samples.
8. Outputs will be Enabled if Enable/Disable is left open.
Table 2. Electrical Performance, LVDS Option
Parameter
Symbol
Min
Typical
Maximum
Units
Supply
Voltage1
V
DD
3.135
2.375
3.3
2.5
3.465
2.625
V
V
Current (No Load)
I
DD
60
mA
Frequency
Nominal Frequency
f
N
13.5
170.000
MHz
Stability2 (Ordering Option)
±25, ±50 or ±100
ppm
Outputs
Output Logic Levels3
Output Logic High
Output Logic Low
V
OH
V
OL
0.9
1.43
1.10
1.6
V
V
Differential Output Amplitude
250
350
450
mV
Differential Output Error
50
mV
Offset Voltage
1.125
1.25
1.375
V
Offset Voltage Error
50
mV
Output Leakage Current
10
uA
Output Rise and Fall Time3
t
R
/t
F
400
ps
Load
100 ohms differential
Duty Cycle4
45
55
%
Jitter, 156.250MHz5
12kHz - 50MHz
12kHz - 20MHz
10kHz - 1MHz
фJ
200
150
100
fs
fs
fs
Period Jitter6
RMS
P/P
Cycle-Cycle Jitter6
RMS
P/P
Random Jitter7
Deterministic Jitter7
фJ
1.1
10.5
1.9
17.7
2.2
0
ps
ps
ps
ps
ps
ps
Enable/Disable
Output Enabled8
Output Disabled
V
IH
V
IL
0.7*V
DD
0.3*V
DD
V
V
Disable Time
t
D
200
ns
Enable/Disable Leakage Current
I
E/D
±200
uA
Start-Up Time
t
SU
2ms
Operating Temp. (Ordering Option)
T
OP
-10/70 or -40/85
°C
Package Size
5.0 x 7.0 x 1.6
mm
DC
1
4
3
65
2
50
50
0.01 uF
Out
Out
Figure 3.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com