công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF8591P bảng dữ liệu(PDF) 15 Page - NXP Semiconductors

tên linh kiện PCF8591P
Giải thích chi tiết về linh kiện  8-bit A/D and D/A converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8591P bảng dữ liệu(HTML) 15 Page - NXP Semiconductors

Back Button PCF8591P Datasheet HTML 11Page - NXP Semiconductors PCF8591P Datasheet HTML 12Page - NXP Semiconductors PCF8591P Datasheet HTML 13Page - NXP Semiconductors PCF8591P Datasheet HTML 14Page - NXP Semiconductors PCF8591P Datasheet HTML 15Page - NXP Semiconductors PCF8591P Datasheet HTML 16Page - NXP Semiconductors PCF8591P Datasheet HTML 17Page - NXP Semiconductors PCF8591P Datasheet HTML 18Page - NXP Semiconductors PCF8591P Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
2003 Jan 27
15
Philips Semiconductors
Product specification
8-bit A/D and D/A converter
PCF8591
9
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
10 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However it is good practice to take
normal precautions appropriate to handling MOS devices (see
“Handling MOS devices”).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage (pin 16)
−0.5
+8.0
V
VI
input voltage (any input)
−0.5
VDD + 0.5
V
II
DC input current
−±10
mA
IO
DC output current
−±20
mA
IDD, ISS
VDD or VSS current
−±50
mA
Ptot
total power dissipation per package
−
300
mW
PO
power dissipation per output
−
100
mW
Tamb
operating ambient temperature
−40
+85
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28