| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8574ATS bảng dữ liệu(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8574ATS bảng dữ liệu(HTML) 9 Page - NXP Semiconductors |
|
9 / 24 page ![]() 2002 Nov 22 9 Philips Semiconductors Product specification Remote 8-bit I/O expander for I2C-bus PCF8574 7 FUNCTIONAL DESCRIPTION Fig.9 Simplified schematic diagram of each I/O. handbook, full pagewidth MBD977 DQ CI S FF DQ CI S FF 100 µA to interrupt logic VSS P0 to P7 VDD write pulse data from shift register power-on reset read pulse data to shift register 7.1 Addressing For addressing see Figs 10, 11 and 12. Fig.10 PCF8574 and PCF8574A slave addresses. handbook, full pagewidth MBD973 S 0 1 0 0 A2 A1 A0 0 A 1 0 slave address slave address A S 0 1 1 A2 A1 A0 a. PCF8574. b. PCF8574A. Each of the PCF8574’s eight I/Os can be independently used as an input or output. Input data is transferred from the port to the microcontroller by the READ mode (see Fig.12). Output data is transmitted to the port by the WRITE mode (see Fig.11). |