| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA9556PW bảng dữ liệu(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9556PW bảng dữ liệu(HTML) 9 Page - NXP Semiconductors |
|
9 / 13 page ![]() Philips Semiconductors Product data PCA9556 Octal SMBus and I2C registered interface 2002 Mar 28 9 ABSOLUTE MAXIMUM RATINGS In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL PARAMETER CONDITIONS MIN MAX UNIT VDD Supply voltage –0.5 +6 V VI Input voltage VSS – 0.5 VDD + 0.5 V II DC input current — ± 20 mA VI/O DC voltage on an I/O as an input other than I/O0 VSS – 0.5 VDD + 0.5 V VI/O0 DC voltage on I/O0 as an input VSS – 0.5 4.6 V I /O DC input current on I/O0 — +400 µA II/O0 DC input current on I/O0 — –20 mA II/O DC output current on an I/O — ± 20 mA Ptot Total power dissipation — — mW PO Power dissipation per output — — mW Tstg Storage temperature range –65 +150 °C Tamb Operating ambient temperature –40 +85 °C HANDLING Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take precautions appropriate to handling MOS devices. Advice can be found in Data Handbook IC24 under ” Handling MOS devices”. |