công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA9552D bảng dữ liệu(PDF) 14 Page - NXP Semiconductors

tên linh kiện PCA9552D
Giải thích chi tiết về linh kiện  16-bit I2C-bus LED driver with programmable blink rates
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9552D bảng dữ liệu(HTML) 14 Page - NXP Semiconductors

Back Button PCA9552D Datasheet HTML 10Page - NXP Semiconductors PCA9552D Datasheet HTML 11Page - NXP Semiconductors PCA9552D Datasheet HTML 12Page - NXP Semiconductors PCA9552D Datasheet HTML 13Page - NXP Semiconductors PCA9552D Datasheet HTML 14Page - NXP Semiconductors PCA9552D Datasheet HTML 15Page - NXP Semiconductors PCA9552D Datasheet HTML 16Page - NXP Semiconductors PCA9552D Datasheet HTML 17Page - NXP Semiconductors PCA9552D Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
PCA9552_5
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 05 — 9 March 2006
14 of 28
Philips Semiconductors
PCA9552
16-bit I2C-bus LED driver with programmable blink rates
8.2 Programming example
The following example will show how to set LED0 to LED3 on. It will then set LED4 and
LED5 to blink at 1 Hz at a 50 % duty cycle. LED6 and LED7 will be set to blink at 4 Hz and
at a 25 % duty cycle. LED8 to LED15 will be set to off.
Fig 15. High value resistor in parallel with
the LED
Fig 16. Device supplied by a lower voltage
002aac189
LED
VDD
LEDn
100 k
Ω
VDD
002aac190
LED
VDD
LEDn
3.3 V
5 V
Table 11:
Programming PCA9552
Program sequence
I2C-bus
START
S
PCA9552 address with A0 to A2 = LOW
C0h
PSC0 subaddress + Auto-Increment
12h
Set prescaler PSC0 to achieve a period of 1 second:
PSC0 = 43
2Bh
Set PWM0 duty cycle to 50 %:
PWM0 = 128
80h
Set prescaler PCS1 to achieve a period of 0.25 seconds:
PSC1 = 10
0Ah
Set PWM1 output duty cycle to 25 %:
PWM1 = 192
C0h
Set LED0 to LED3 on
00h
Set LED4 and LED5 to PWM0, and LED6 or LED7 to PWM1
FAh
Set LED8 to LED11 off
55h
Set LED12 to LED15 off
55h
STOP
P
Blink period
1
PSC0
1
+
44
-----------------------
==
256
PWM0
–
256
--------------------------------
0.5
=
Blink period
0.25
PSC1
1
+
44
-----------------------
==
256
PWM1
–
256
--------------------------------
0.25
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com