| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JB15LPF-JC bảng dữ liệu(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
JB15LPF-JC bảng dữ liệu(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
6 / 6 page ![]() J Series JB Illuminated Low Profile Process Sealed Tactiles www.nkk.com J33 LEGENDS Laser Etch, Screen Print or Pad Print Epoxy based ink is recommended. (8.38) Typ .330 (20.0) R .787 (9.9) .390 Lens Translucent White or Colored Diffuser Frame Film Insert Suggested Printable Area for Film Insert Shaded area is printable area. Film Insert: Clear Polyester 7 mil maximum thickness Shaded areas are printable areas. Suggested Printable Area for Cap, Lens, or Button Recommended Methods: (12.0) Sq .472 (10.48) Sq .412 (0.76) Typ .030 (10.0) Sq .394 (8.46) .333 (6.94) .273 (0.76) Typ .030 (12.0) Sq .472 (10.48) Sq .412 (0.76) Typ .030 PWR Laser Etch or Pad Print Epoxy based ink is recommended. NKK Switches can provide custom legends for caps. Contact factory for more information. |