| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JF15AP3DF bảng dữ liệu(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
JF15AP3DF bảng dữ liệu(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
3 / 6 page ![]() J Series JF Illuminated Ultra-Thin Process Sealed Tactiles www.nkk.com J42 Pole & Circuit 15 SPST OFF (ON) ( ) = Momentary TYPICAL SWITCH ORDERING EXAMPLE 15 C JF SPST OFF-(ON) Circuit Illumination R Spot A Full Face (with square actuator only) R DESCRIPTION FOR TYPICAL ORDERING EXAMPLE JF15RP2CC P 2 Terminals P Straight PC Actuator Types 1 Square 2 Round 3 Sculptured LED Colors C Red E Yellow F Green POLE & CIRCUIT Actuator Position ( ) = Momentary Switch Throw & Schematic LED Schematic Pole Model Normal Down SPST Notes: Terminal numbers are shown on switch. LED circuit is isolated & requires external power source. SP JF15 OFF (ON) Red LED for Spot Illumination Round Red Actuator (+) (-) 1 2 3 4 C Actuator Colors Spot Illuminated C Red D Orange F Green G Blue H Gray *Full Face Illuminated C Red E Yellow F Green *LED color must match actuator color. Straight PC Terminals |