| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8564AU-5GC-1 bảng dữ liệu(PDF) 41 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8564AU-5GC-1 bảng dữ liệu(HTML) 41 Page - NXP Semiconductors |
|
41 / 45 page ![]() PCF8564A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 02 — 30 September 2010 41 of 45 NXP Semiconductors PCF8564A Real time clock and calendar 20. Abbreviations 21. References [1] AN10365 — Surface mount reflow soldering description [2] AN10706 — Handling bare die [3] IEC 60134 — Rating systems for electronic tubes and valves and analogous semiconductor devices [4] IEC 61340-5 — Protection of electronic devices from electrostatic phenomena [5] IPC/JEDEC J-STD-020 — Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices [6] JESD22-A114 — Electrostatic Discharge (ESD) Sensitivity Testing Human Body Model (HBM) [7] JESD22-A115 — Electrostatic Discharge (ESD) Sensitivity Testing Machine Model (MM) [8] JESD78 — IC Latch-Up Test [9] JESD625-A — Requirements for Handling Electrostatic-Discharge-Sensitive (ESDS) Devices [10] SNW-SQ-623 — NXP store and transport conditions [11] UM10204 — I2C-bus specification and user manual Table 37. Abbreviations Acronym Description BCD Binary Coded Decimal CMOS Complementary Metal Oxide Semiconductor FFC Film Frame Carrier HBM Human Body Model I2C Inter-Integrated Circuit IC Integrated Circuit LSB Least Significant Bit MM Machine Model MOS Metal Oxide Semiconductor MSB Most Significant Bit MSL Moisture Sensitivity Level PCB Printed-Circuit Board POR Power-On Reset ROM Read Only Memory RTC Real Time Clock SCL Serial Clock Line SDA Serial Data Line SRAM Static Random Access Memory WLCSP Wafer Level Chip-Size Package |