| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8562 bảng dữ liệu(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8562 bảng dữ liệu(HTML) 12 Page - NXP Semiconductors |
|
12 / 43 page ![]() PCF8562 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 6 — 16 June 2011 12 of 43 NXP Semiconductors PCF8562 Universal LCD driver for low multiplex rates 7.4.2 1:2 Multiplex drive mode When two backplanes are provided in the LCD, the 1:2 multiplex mode applies. The PCF8562 allows the use of 1⁄2 bias or 1⁄3 bias in this mode as shown in Figure 7 and Figure 8. Vstate1(t) = VSn(t) VBP0(t). Von(RMS) = 0.791VLCD. Vstate2(t) = VSn(t) VBP1(t). Voff(RMS) = 0.354VLCD. Fig 7. Waveforms for the 1:2 multiplex drive mode with 1⁄2 bias 013aaa208 state 1 BP0 (a) Waveforms at driver. (b) Resultant waveforms at LCD segment. LCD segments state 2 BP1 state 2 state 1 VSS VLCD VLCD/2 VSS VSS VLCD VLCD VSS VLCD VLCD VLCD 0 V 0 V VLCD/2 VLCD/2 VLCD/2 −VLCD −VLCD −VLCD/2 −VLCD/2 Sn Sn+1 Tfr |