| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCA85162 bảng dữ liệu(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA85162 bảng dữ liệu(HTML) 13 Page - NXP Semiconductors |
|
13 / 46 page ![]() PCA85162 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 2 — 16 June 2011 13 of 46 NXP Semiconductors PCA85162 Universal LCD driver for low multiplex rates 7.4.3 1:3 Multiplex drive mode When three backplanes are provided in the LCD, the 1:3 multiplex drive mode applies, as shown in Figure 9. Vstate1(t) = VSn(t) VBP0(t). Von(RMS) = 0.638VLCD. Vstate2(t) = VSn(t) VBP1(t). Voff(RMS) = 0.333VLCD. Fig 9. Waveforms for the 1:3 multiplex drive mode with 1⁄3 bias 013aaa210 state 1 BP0 (b) Resultant waveforms at LCD segment. LCD segments state 2 BP1 state 1 state 2 (a) Waveforms at driver. BP2 Sn Sn+1 Sn+2 Tfr VSS VLCD 2VLCD/3 VLCD/3 VSS VLCD 2VLCD/3 VLCD/3 VSS VLCD 2VLCD/3 VLCD/3 VSS VLCD 2VLCD/3 VLCD/3 VSS VLCD 2VLCD/3 VLCD/3 0 V VLCD 2VLCD/3 −2VLCD/3 VLCD/3 −VLCD/3 −VLCD 0 V VLCD 2VLCD/3 −2VLCD/3 VLCD/3 −VLCD/3 −VLCD VSS VLCD 2VLCD/3 VLCD/3 |