công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

G12JVC bảng dữ liệu(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

tên linh kiện G12JVC
Giải thích chi tiết về linh kiện  Fully Illuminated Ultra-Miniature Toggles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Trang chủ  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

G12JVC bảng dữ liệu(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  G12JVC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. G12JVC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. G12JVC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. G12JVC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series G
Fully Illuminated Ultra-Miniature Toggles
www.nkk.com
A40
A
Pole
1
SPDT
TYPICAL SWITCH ORDERING EXAMPLE
1
G
Circuits
2
ON
NONE
ON
Combines with single color
or bicolor LEDs
3
ON
OFF
ON
Combines with
bicolor LED only
2
DESCRIPTION FOR TYPICAL
ORDERING EXAMPLE
G12JHC
J
H
Actuator
J
Clear
PC Terminals
P
Straight
H
Right Angle
V
Vertical
ACTUATOR
J
Clear Toggle
C
LEDS
Single Color
C
Red
D
Amber
F
Green
ON-NONE-ON only
Bicolor
CF
Red/Green
ON-NONE-ON
& ON-OFF-ON
28°
(1.7) Dia
.067
(4.0) Dia
.157
(3.8)
.150
Clear Toggle,
Red LED
Right Angle
PC Terminals
SPDT
ON-NONE-ON Circuit
Toggle Position
Connected Terminals
Schematics
Pole
Throw Model
Up
Center
Down
Up
Center
Down
SPDT
G12
G13
ON
ON
NONE
OFF
ON
ON
2-3
2-3
NONE
OPEN
2-1
2-1
POLES & CIRCUITS
Slot
Slot
Note: Terminal numbers are not actually on
the switch. LED circuit is isolated and
requires an external power source.
Single Color
Bicolor
(5)
(6)
(5)
(4) Red
(6) Green
LED COLORS & SPECIFICATIONS
LEDs are an integral part of the switch
and not available separately. The
electrical specifications shown are
determined at a basic temperature of
25°C.
If the source voltage exceeds the rated
voltage, a ballast resistor is required.
The resistor value can be calculated by
using the formula in the Supplement;
see Supplement Index.
Single Color
Bicolor
Red
Amber
Green
Red/Green
Forward Peak Current
I
FM
25mA
25mA
25mA
25mA/25mA
Continuous Forward Current
I
F
20mA
20mA
20mA
20mA/20mA
Forward Voltage
V
F
2.0V
2.1V
2.1V
2.0V/2.1V
Reverse Peak Voltage
V
RM
4V
4V
4V
4V/4V
Current Reduction Rate Above 25°C ∆I
F
0.33mA/°C
Ambient Temperature Range
–25° ~ +55°C
D
F
C
CF
Colors
2 (COM)
1
3



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com