công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX7313 bảng dữ liệu(PDF) 13 Page - Maxim Integrated Products

tên linh kiện MAX7313
Giải thích chi tiết về linh kiện  16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7313 bảng dữ liệu(HTML) 13 Page - Maxim Integrated Products

Back Button MAX7313 Datasheet HTML 9Page - Maxim Integrated Products MAX7313 Datasheet HTML 10Page - Maxim Integrated Products MAX7313 Datasheet HTML 11Page - Maxim Integrated Products MAX7313 Datasheet HTML 12Page - Maxim Integrated Products MAX7313 Datasheet HTML 13Page - Maxim Integrated Products MAX7313 Datasheet HTML 14Page - Maxim Integrated Products MAX7313 Datasheet HTML 15Page - Maxim Integrated Products MAX7313 Datasheet HTML 16Page - Maxim Integrated Products MAX7313 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Ports Configuration
The 16 I/O ports P0 through P15 can be configured to
any combination of inputs and outputs using the ports
configuration registers (Table 5). The INT/O16 output
can also be configured as an extra general-purpose
output using the configuration register (Table 4).
Input Ports
The input ports registers are read only (Table 6). They
reflect the incoming logic levels of the ports, regardless
of whether the port is defined as an input or an output
by the ports configuration registers. Reading an input
ports register latches the current-input logic level of the
affected eight ports. A write to an input ports register is
ignored.
Transition Detection
All ports configured as inputs are always monitored for
changes in their logic status. The action of reading an
input ports register or writing to the configuration regis-
ter samples the corresponding 8 port bits’ input condi-
tion (Tables 4, 6). This sample is continuously
compared with the actual input conditions. A detected
change in input condition causes an interrupt condition.
The interrupt is cleared either automatically if the
changed input returns to its original state, or when the
appropriate input ports register is read, updating the
compared data (Figure 10). Randomly changing a port
from an output to an input may cause a false interrupt
to occur if the state of the input does not match the
content of the appropriate input ports register. The
interrupt status is available as the interrupt flag INT in
the configuration register (Table 4).
The input status of all ports are sampled immediately
after power-up as part of the MAX7313’s internal initial-
ization, so if all the ports are pulled to valid logic levels
at that time an interrupt does not occur at power-up.
INT/O16 Output
The INT/O16 output pin can be configured as either the
INT output that reflects the interrupt flag logic state or
as a general-purpose output O16. When used as a
general-purpose output, the INT/O16 pin has the same
blink and PWM intensity control capabilities as the
other ports.
Set the interrupt enable I bit in the configuration register
to configure INT/O16 as the INT output (Table 4). Clear
interrupt enable to configure INT/O16 as the O16. O16
logic state is set by the 2 bits O1 and O0 in the configu-
ration register. O16 follows the rules for blinking select-
ed by the blink enable flag E in the configuration
register. If blinking is disabled, then interrupt output
control O0 alone sets the logic state of the INT/O16 pin.
16-Port I/O Expander with LED Intensity
Control, Interrupt, and Hot-Insertion Protection
______________________________________________________________________________________
13
Table 2. Register Address Map
REGISTER
ADDRESS CODE
(HEX)
AUTOINCREMENT
ADDRESS
Read input ports P7–P0
0x00
0x01
Read input ports P15–P8
0x01
0x00
Blink phase 0 outputs P7–P0
0x02
0x03
Blink phase 0 outputs P15–P8
0x03
0x02
Ports configuration P7–P0
0x06
0x07
Ports configuration P15–P8
0x07
0x06
Blink phase 1 outputs P7–P0
0x0A
0x0B
Blink phase 1 outputs P15–P8
0x0B
0x0A
Master, O16 intensity
0x0E
0x0E (no change)
Configuration
0x0F
0x0F (no change)
Outputs intensity P1, P0
0x10
0x11
Outputs intensity P3, P2
0x11
0x12
Outputs intensity P5, P4
0x12
0x13
Outputs intensity P7, P6
0x13
0x14
Outputs intensity P9, P8
0x14
0x15
Outputs intensity P11, P10
0x15
0x16
Outputs intensity P13, P12
0x16
0x17
Outputs intensity P15, P14
0x17
0x10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com