| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC24F04KA201 bảng dữ liệu(PDF) 2 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24F04KA201 bảng dữ liệu(HTML) 2 Page - Microchip Technology |
|
2 / 8 page ![]() PIC24F04KA201 FAMILY DS80474B-page 2 2011 Microchip Technology Inc. TABLE 2: SILICON ISSUE SUMMARY Module Feature Item Number Issue Summary Affected Revisions(1) A1 Resets BOR 1. Inadvertent Reset when disabling/enabling BOR. X Core Deep Sleep 2. Failure to avoid Deep Sleep entry. X Comparator — 3. Change in maximum VIOFF.X SPI Enhanced Buffer mode 4. Errors when polling SPITBF flag. X Core Low-Voltage BOR 5. LPBOR configuration results in ambiguous Resets. X Comparator I/O Pins 6. Enabling comparators disables some digital I/O ports. X Comparator — 7. Output polarity inversion also inverts edge-detect sensing. X Core Doze mode 8. Instruction execution glitches following DOZE bit changes. X Note 1: Only those issues indicated in the last column apply to the current silicon revision. |