công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY8C20121 bảng dữ liệu(PDF) 23 Page - Cypress Semiconductor

tên linh kiện CY8C20121
Giải thích chi tiết về linh kiện  CapSense Express ??One Button and Two Button Capacitive Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20121 bảng dữ liệu(HTML) 23 Page - Cypress Semiconductor

Back Button CY8C20121 Datasheet HTML 19Page - Cypress Semiconductor CY8C20121 Datasheet HTML 20Page - Cypress Semiconductor CY8C20121 Datasheet HTML 21Page - Cypress Semiconductor CY8C20121 Datasheet HTML 22Page - Cypress Semiconductor CY8C20121 Datasheet HTML 23Page - Cypress Semiconductor CY8C20121 Datasheet HTML 24Page - Cypress Semiconductor CY8C20121 Datasheet HTML 25Page - Cypress Semiconductor CY8C20121 Datasheet HTML 26Page - Cypress Semiconductor CY8C20121 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
CY8C20111, CY8C20121
Document Number: 001-53516 Rev. *G
Page 23 of 43
04h
Read POR Defaults
Reads the POR settings stored in the nonvolatile memory. To read POR defaults:
■ Write command 04h
■ Read 122 data bytes
■ Read one CRC byte
05h
Read Device Configu-
ration (RAM)
Reads the current device configuration. Gives the user "flat-address-space" access to
all device settings. To read device configuration:
■ Write command 05h
■ Read 122 data bytes
■ Read one CRC byte
06h
Reconfigure Device
(POR)
Immediately reconfigures the device with actual POR defaults from flash. Has the same
effect on the registers as a POR. This command can only be executed in setup operation
mode (command code 08).
07h
Set Normal Operation
Mode
Sets the device in normal operation mode. In this mode, CapSense pin assignments
cannot be modified; settling time, IDAC setting, external capacitor, and sensor
auto-reset also cannot be modified.
08h
Set Setup Operation
Mode
Sets the device in setup operation mode. In this mode, CapSense pin assignments can
be changed along with other parameters.
09h
Start CapSense
Scanning
Allows the user to start CSA scanning after it has been stopped using command 0x0A.
Note that at POR, scanning is enabled and started by default if one or more sensors are
enabled.
0Ah
Stop CapSense
Scanning
Allows the user to stop CSA scanning. A system host controller might initiate this
command before powering down the device to make sure that during power-down no
CapSense touches are detected.
When CSA scanning is stopped by the user and the device is still in the valid VCC
operating range, the following behavior is supported:
■ Any change to configuration can still be done (as long as VCC is in operating range).
■ Command code 0x06 overrides the status of stop/scan by enabling and starting CSA
scanning if one or more sensors are enabled.
■ CapSense read-back values return 0x00.
0Bh
Returns CapSense
Scanning Status
The I2C buffer is loaded with the one-byte CSA scanning status value. After writing the
value 0Bh to the A0h register, reading one byte returns the CSA scanning status. It
returns the LVD_STOP_SCAN and STOP_SCAN bits.
LVD_STOP_SCAN is bit 3 - Set when CSA is stopped because VCC is outside the valid
operating range. STOP_SCAN is bit 2 - Set when CSA is stopped by the user by writing
command 0x0A.
Command
Code
Name
Description
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com