| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SCK08063N bảng dữ liệu(PDF) 17 Page - Thinking Electronic Industrial Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
SCK08063N bảng dữ liệu(HTML) 17 Page - Thinking Electronic Industrial Co.,Ltd |
|
17 / 19 page ![]() NTC Thermistor: : : :SCK Series Power Thermistor for Limiting Inrush Current THINKING ELECTRONIC INDUSTRIAL CO., LTD. 17 www.thinking.com.tw 2011.02 All specifications are subject to change without notice. Ho H F Type S Type W W1 A W2 Wo P2 P1 Po P3 Do t W2 Wo W1 W P2 P1 t Do P3 Ho H Packaging Taping Specification For S (Straight lead) type and F (Y kink lead) type Body P0 P1 P2 P3 H H0 W0 W1 W2 W A D0 t Taping Code Size ±0.5 ±0.7 ±1.3 ±0.5 +2/-0 ±0.5 ±1 ±0.5 Max. ±0.5 Max. ±0.2 ±0.2 Figure Φ08 12.7 3.45 6.35 12.7 18 16 12 9 3 18 1 4 0.6 A Φ10 12.7 3.45 6.35 12.7 18 16 12 9 3 18 1 4 0.6 A Φ13 12.7 8.55 12.7 25.4 18 16 12 9 3 18 1 4 0.6 B Φ15 12.7 8.45 12.7 25.4 18 16 12 9 3 18 1 4 0.6 B A (P0=12.7) Φ20 12.7 8.45 12.7 25.4 18 16 12 9 3 18 1 4 0.6 B Φ08 15 4.6 7.5 15 18 16 12 9 3 18 1 4 0.6 A Φ10 15 4.6 7.5 15 18 16 12 9 3 18 1 4 0.6 A Φ13 15 3.35 7.5 30 18 16 12 9 3 18 1 4 0.6 C Φ15 15 3.25 7.5 30 18 16 12 9 3 18 1 4 0.6 C E (P0=15.0) Φ20 15 3.25 7.5 30 18 16 12 9 3 18 1 4 0.6 C Figure A. For S lead and F lead Φ8 to Φ10 Type. Figure B. For S lead Φ13 to Φ20 type and F lead Φ13 to Φ20 type Figure C. For S lead Φ13 to Φ20 type and F lead Φ13 to Φ20 type (Unit: mm) F Type S Type |