công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PPD08100YP9B2 bảng dữ liệu(PDF) 3 Page - Thinking Electronic Industrial Co.,Ltd

tên linh kiện PPD08100YP9B2
Giải thích chi tiết về linh kiện  Overload Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  THINKING [Thinking Electronic Industrial Co.,Ltd]
Trang chủ  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PPD08100YP9B2 bảng dữ liệu(HTML) 3 Page - Thinking Electronic Industrial Co.,Ltd

  PPD08100YP9B2 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PPD08100YP9B2 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PPD08100YP9B2 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PPD08100YP9B2 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PPD08100YP9B2 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PPD08100YP9B2 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PPD08100YP9B2 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PPD08100YP9B2 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd PPD08100YP9B2 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CPTC Thermistor:
:
:
:PP Series
Overload Protection
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
3
www.thinking.com.tw
2008.04
PPL Series
12VAC / 120℃
℃
℃
℃
24VAC/ 80℃
℃
℃
℃
24VAC/ 120℃
℃
℃
℃
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip
Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dma
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL04130□A212
13
120
240
12
0.7
6.5
3.5
0.6
10.5
√
√
PPL054R6□A212
4.6
250
500
12
1.0
7.0
3.5
0.6
10.5
√
√
PPL081R8□A212
1.8
450
900
12
3.0
10
3.5
0.6
13.5
√
√
PPL091R0□A212
1.0
410
1120
12
3.0
11
3.5
0.6
14.5
√
√
PPL091R4□A212
1.4
350
1060
12
3.0
11
3.5
0.6
14.5
√
√
PPL101R2□A212
1.2
600
1200
12
4.3
12
3.5
0.6
15.5
√
√
PPL120R8□A212
0.8
850
1700
12
5.5
14
3.5
0.6
17.5
√
√
PPL140R4□A212
0.4
950
2700
12
5.0
16
3.5
0.6
19.5
√
√
PPL140R5□A212
0.5
870
2450
12
5.0
16
3.5
0.6
19.5
√
√
PPL140R9□A212
0.9
430
1210
12
5.0
16
3.5
0.6
19.5
√
√
PPL160R5□A212
0.5
1300
2600
12
8.0
17.5
5.0
0.6
21.5
√
√
PPL200R3□A212
120±10
0.3
1800
3600
12
10.0
22
5.0
0.6
25.5
√
√
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip
Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dmax
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL077R0□P824
7.0
90
360
24
2.0
9.0
3.5
0.6
12.5
√
√
√
√
PPL07100□P824
10
80
330
24
2.0
9.0
3.5
0.6
12.5
√
√
√
√
PPL083R0□P824
3.0
145
570
24
2.0
10
3.5
0.6
13.5
√
√
√
√
PPL092R0□P824
80±10
2.0
185
720
24
2.0
11
3.5
0.6
14.5
√
√
√
√
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip
Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dmax
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL084R7□A224
4.7
295
700
24
3.5
10
3.5
0.6
13.5
√
√
√
√
PPL103R9□A224
3.9
340
800
24
4.3
12
3.5
0.6
15.5
√
√
√
√
PPL143R3□A224
120±10
3.3
420
980
24
5.0
16
3.5
0.6
19.5
√
√
√
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com