công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SCK08053L bảng dữ liệu(PDF) 15 Page - Thinking Electronic Industrial Co.,Ltd

tên linh kiện SCK08053L
Giải thích chi tiết về linh kiện  Power Thermistor for Limiting Inrush Current
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  THINKING [Thinking Electronic Industrial Co.,Ltd]
Trang chủ  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK08053L bảng dữ liệu(HTML) 15 Page - Thinking Electronic Industrial Co.,Ltd

Back Button SCK08053L Datasheet HTML 11Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 12Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 13Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 14Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 15Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 16Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 17Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 18Page - Thinking Electronic Industrial Co.,Ltd SCK08053L Datasheet HTML 19Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
NTC Thermistor:
:
:
:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
15
www.thinking.com.tw
2011.02
All specifications are subject to change without notice.
Soldering Recommendation
Wave Soldering Profile
Recommended Reworking Conditions with Soldering Iron
Item
Conditions
Temperature of Soldering Iron-tip
360℃ (max.)
Soldering Time
3 sec (max.)
Distance from Thermistor
2 mm (min.)
130±20℃
260℃ Max
Tamb
Cooling
Time
Soldering
Preheating
30~90 sec.
<1 sec.
<10 sec.
Note 1
Note 2
Note 3
Note 1:
(1~3℃)/sec
Note 2:
Approx. 200℃/sec
Note 3:
5℃/sec. (Max)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com