| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WI252018-R82KF-77 bảng dữ liệu(PDF) 3 Page - Superworld Electronics |
|
|
|||||||||||||||||||||||||||||
WI252018-R82KF-77 bảng dữ liệu(HTML) 3 Page - Superworld Electronics |
|
3 / 6 page ![]() WI252018 SERIES NOTE : Specifications subject to change without notice. Please check our website for latest information. SUPERWORLD ELECTRONICS (S) PTE LTD PG. 3 09.03.2011 7. ELECTRICAL CHARACTERISTICS : ( ) ( mA ) ( MHz ) Q Frequency Inductance WI252018-R22 F- WI252018-R27 F- WI252018-R47 F- WI252018-R39 F- WI252018-R33 F- WI252018-R56 F- WI252018-1R0 F- WI252018-R82 F- WI252018-R68 F- WI252018-1R2 F- WI252018-1R8 F- WI252018-2R7 F- WI252018-180 F- WI252018-470 F- WI252018-220 F- WI252018-270 F- WI252018-390 F- WI252018-330 F- WI252018-6R8 F- WI252018-150 F- WI252018-120 F- WI252018-8R2 F- WI252018-100 F- WI252018-5R6 F- WI252018-4R7 F- WI252018-3R9 F- WI252018-3R3 F- WI252018-560 F- WI252018-680 F- WI252018-1R5 F- WI252018-101 F- WI252018-820 F- Part No. 48 7.96 30 1.90 185 3.30 0.796 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 2.52 7.96 7.96 7.96 7.96 7.96 25 22.00 56.00 82.00 100.00 68.00 33.00 39.00 47.00 27.00 20 15 20 20 20 25 25 20 8.20 12.00 15.00 18.00 10.00 6.80 3.90 4.70 5.60 25 25 25 25 25 25 25 30 30 17 5.50 130 12 10 9 11 16 14 13 15 12.1 75 16.6 21.0 19.0 70 60 66 6.30 11.0 9.50 7.10 115 90 110 30 27 23 20 18 43 40 33 36 3.05 160 4.40 4.80 3.80 3.50 140 120 155 150 2.30 2.50 2.70 2.10 175 170 165 180 7.96 7.96 7.96 7.96 ( MHz ) 25.2 25.2 25.2 25.2 25.2 25.2 25.2 25.2 7.96 0.56 1.20 1.80 2.70 1.50 0.68 0.82 1.00 30 30 30 30 30 0.22 0.27 0.33 0.47 0.39 ( µH ) 25 Min. 325 0.75 100 90 85 55 135 125 115 150 1.20 230 1.70 1.30 1.45 195 220 210 0.85 1.00 1.10 300 260 245 230 175 210 190 160 Min. 430 0.50 0.55 0.65 0.60 0.68 350 375 400 420 Max. Max. Test SRF RDC IDC Inductance tolerance : J : ±5% MOLDED WIREWOUND CHIP INDUCTORS K : ±10% M : ±20% 125 WI252018-2R2 F- 30 2.20 1.55 7.96 75 25 25 25 25 25 25 25 200 |