| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIB0502MP3R3MN bảng dữ liệu(PDF) 6 Page - Superworld Electronics |
|
|
|||||||||||||||||||||||||||||
PIB0502MP3R3MN bảng dữ liệu(HTML) 6 Page - Superworld Electronics |
|
6 / 8 page ![]() SUPERWORLD ELECTRONICS (S) PTE LTD PG. 6 9. SOLDERING AND MOUNTING : c) Never contact the ceramic with the iron tip e) Use a 20 watt soldering iron with tip diameter of 1.0mm d) 1.0mm tip diameter (max) f) Limit soldering time to 4-5 secs. 9-2.2 Soldering Iron (Figure 2) : In the event that a soldering iron must be employed the following precautions are recommended. Products attachment with soldering iron is discouraged due to the inherent process control limitations. Recommended temperature profiles for re-flow soldering in Figure 1. Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused by the difference in coefficients of expansion between solder, chip and substrate. Our terminations are suitable for all wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot a) Preheat circuit and products to 150° C. air soldering tools. 9-2.1 Solder Re-flow : Note : b) 355° C tip temperature (max) 6.0 9-2. Soldering 2.2 9-1. Recommended PC Board Pattern 25.02.2011 Over 1min. Figure 2. Iron Soldering Gradual Cooling Within 4-5s 350 150 Preheating Soldering cooling Natural Figure 1. Re-flow Soldering Time(sec.) 60~150s 20~40s Soldering 480s max. 60~180s 150 25 TP(260° C/40s max.) 217 200 Preheating cooling Natural MOLDED POWER CHOKE COIL PIB0502MP SERIES NOTE : Specifications subject to change without notice. Please check our website for latest information. HF Halogen Free |