công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HIP4086ABZ bảng dữ liệu(PDF) 3 Page - Intersil Corporation

tên linh kiện HIP4086ABZ
Giải thích chi tiết về linh kiện  80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086ABZ bảng dữ liệu(HTML) 3 Page - Intersil Corporation

  HIP4086ABZ Datasheet HTML 1Page - Intersil Corporation HIP4086ABZ Datasheet HTML 2Page - Intersil Corporation HIP4086ABZ Datasheet HTML 3Page - Intersil Corporation HIP4086ABZ Datasheet HTML 4Page - Intersil Corporation HIP4086ABZ Datasheet HTML 5Page - Intersil Corporation HIP4086ABZ Datasheet HTML 6Page - Intersil Corporation HIP4086ABZ Datasheet HTML 7Page - Intersil Corporation HIP4086ABZ Datasheet HTML 8Page - Intersil Corporation HIP4086ABZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
HIP4086, HIP4086A
3
FN4220.7
June 1, 2011
Pin Configuration
HIP4086, HIP4086A
(PDIP, SOIC)
TOP VIEW
1
BHB
2
BHI
3
BLI
4
ALI
5
AHI
6
VSS
7
RDEL
8
UVLO
9
RFSH
10
DIS
11
CLI
12
CHI
24
BHO
23
BHS
22
BLO
21
ALO
20
VDD
19
CLO
18
AHS
17
AHC
16
AHB
15
CHS
14
CHO
13
CHB
Pin Descriptions
PIN NUMBER
SYMBOL
DESCRIPTION
16
1
13
AHB
BHB
CHB
(xHB)
High-Side Bias Connections. One external bootstrap diode and one capacitor are required for
each. Connect cathode of bootstrap diode and positive side of bootstrap capacitor to each xHB
pin.
15
23
15
AHS
BHS
CHS
(xHS)
High-Side Source Connections. Connect the sources of the High-Side power MOSFETs to these
pins. The negative side of the bootstrap capacitors are also connected to these pins.
5
2
12
AHI
BHI
CHI
(xHI)
High-Side Logic Level Inputs. Logic at these three pins controls the three high side output
drivers, AHO (Pin 17), BHO (Pin 24) and CHO (Pin 14). When xHI is low, xHO is high. When xHI
is high, xHO is low. Unless the dead time is disabled by connecting RDEL (Pin 7) to ground, the
low side input of each phase will override the corresponding high side input on that phase -
see “Truth Table” on page 2. If RDEL is tied to ground, dead time is disabled and the outputs
follow the inputs with no shoot-thru protection. DIS (Pin 10) also overrides the high side inputs.
xHI can be driven by signal levels of 0V to 15V (no greater than VDD).
4
3
11
ALI
BLI
CLI
(xLI)
Low-Side Logic Level Inputs. Logic at these three pins controls the three low-side output
drivers ALO (Pin 21), BLO (Pin 22) and CLO (Pin 19). If the upper inputs are grounded then the
lower inputs control both xLO and xHO drivers, with the dead time set by the resistor at RDEL
(Pin 7). DIS (Pin 10) high level input overrides xLI, forcing all outputs low. xLI can be driven by
signal levels of 0V to 15V (no greater than VDD).
6VSS
Ground. Connect the sources of the Low-Side power MOSFETs to this pin.
7
RDEL
Delay Time Set point. Connect a resistor from this pin to VDD to set timing current that defines
the dead time between drivers - see Figure 17. All drivers turn-off with minimal delay, RDEL
resistor prevents shoot-through by delaying the turn-on of all drivers. When RDEL is tied to VSS,
both upper and lowers can be commanded on simultaneously. While not necessary in most
applications, a decoupling capacitor of 0.1µF or smaller may be connected between RDEL and
VSS.
8
UVLO
Under voltage Set point. A resistor can be connected between this pin and VSS to program the
under voltage set point, see Figure 18. With this pin not connected, the under voltage disable
is typically 6.6V. When this pin is tied to VDD, the under voltage disable is typically 6.2V.
9
RFSH
Refresh Pulse Setting. An external capacitor can be connected from this pin to VSS to increase
the length of the start up refresh pulse - see Figure 16. If this pin is not connected, the refresh
pulse is typically 1.5µs.
10
DIS
Disable Input. Logic level input that when taken high sets all six outputs low. DIS high
overrides all other inputs. With DIS low, the outputs are controlled by the other inputs. DIS can
be driven by signal levels of 0V to 15V (no greater than VDD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com