công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSP1004 bảng dữ liệu(PDF) 3 Page - Microsemi Corporation

tên linh kiện LSP1004
Giải thích chi tiết về linh kiện  ENHANCED PERFORMANCE SURFACE MOUNT EPSM PIN Diodes TM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROSEMI [Microsemi Corporation]
Trang chủ  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LSP1004 bảng dữ liệu(HTML) 3 Page - Microsemi Corporation

  LSP1004 Datasheet HTML 1Page - Microsemi Corporation LSP1004 Datasheet HTML 2Page - Microsemi Corporation LSP1004 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LSP1000 – LSP1012
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 3
Copyright
 2007
Rev: 2009-09-10
RoHS Compliant
ENHANCED PERFORMANCE SURFACE MOUNT
EPSM
® PIN Diodes
TM
®
MECHANICAL OPTIONS
EPSM products are available in a broad range of mechanical configurations. The standard package style is the 450
series. This series has several sizes available to accommodate the internal chip configurations. The 450A is the most
common configuration for single diode applications. The 454 series package style is a three terminal configuration
designed to accommodate 2 chip for ‘T” and common anode/cathode designs. With uniform ‘flat-top’ construction, the
450 series of EPSM products are ideally suited for tape and reel / automated assembly.
The 150 series of EPSM products have a ‘glob-top’ construction and are traditionally used in smaller volume
applications.
PACKAGE STYLE 150X
PACKAGE STYE 450X
PACKAGE STYLE 154
PACKAGE STYPE 454



Html Pages

1 2 3