| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE7368-2E bảng dữ liệu(PDF) 39 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7368-2E bảng dữ liệu(HTML) 39 Page - Infineon Technologies AG |
|
39 / 41 page ![]() TLE7368 Package Outlines Data Sheet 39 Rev. 2.1, 2010-11-22 Figure 12 PG-DSO-36 (Plastic Green - Dual Small Outline Package) Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). For additional package information, please go to the Infineon Internet Page “Products”: http://www.infineon.com/products. Dimensions in mm PG-DSO-36-24, -38, -41, -42, -50-PO V09 Exposed Diepad Index Marking 1) Does not include plastic or metal protrusion of 0.15 max. per side 2) Does not include dambar protrusion of 0.05 max. per side 3) Distance from leads bottom (= seating plane) to exposed diepad Index Marking 1 18 36 19 18 1 19 36 Bottom View 0.65 17 x 0.65 = 11.05 ±0.08 0.33 2) A-B 0.17 M 36x C C C D 0.1 36x SEATING PLANE -0.2 7.6 1) 0.35 x 45˚ 0.7 ±0.2 10.3 ±0.3 A D 1) 12.8 -0.2 B PG-DSO-36-38 PG-DSO-36-38 PG-DSO-36-24, -41, -42 Package A6901-C007 A6901-C003 A6901-C001 Leadframe 5.2 7 7 4.6 PG-DSO-36-50 A6901-C008 6.0 5.4 5.1 5.1 Exposed Diepad Dimensions Ejector Mark 4) 4) Excluding the mold flash allowance of 0.3 max per side Ex Ex Ey |