| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE8250G bảng dữ liệu(PDF) 21 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8250G bảng dữ liệu(HTML) 21 Page - Infineon Technologies AG |
|
21 / 23 page ![]() TLE8250G Package Outlines Data Sheet 21 Rev. 1.0, 2010-06-02 9 Package Outlines Figure 13 PG-DSO-8 (Plastic Dual Small Outline PG-DSO-8-16) Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). 0.35 x 45˚ 1) -0.2 4 C 0.64 ±0.2 6 ±0.25 0.2 8x M C 1.27 +0.1 0.41 0.2 M A -0.06 B 8x B 2) Index Marking 5-0.2 1) 4 1 85 A 1) Does not include plastic or metal protrusion of 0.15 max. per side 2) Lead width can be 0.61 max. in dambar area GPS01181 0.1 For further information on alternative packages, please visit our website: http://www.infineon.com/packages. Dimensions in mm |