công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE7368 bảng dữ liệu(PDF) 33 Page - Infineon Technologies AG

tên linh kiện TLE7368
Giải thích chi tiết về linh kiện  Next Generation Micro Controller Supply
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 bảng dữ liệu(HTML) 33 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 29Page - Infineon Technologies AG TLE7368 Datasheet HTML 30Page - Infineon Technologies AG TLE7368 Datasheet HTML 31Page - Infineon Technologies AG TLE7368 Datasheet HTML 32Page - Infineon Technologies AG TLE7368 Datasheet HTML 33Page - Infineon Technologies AG TLE7368 Datasheet HTML 34Page - Infineon Technologies AG TLE7368 Datasheet HTML 35Page - Infineon Technologies AG TLE7368 Datasheet HTML 36Page - Infineon Technologies AG TLE7368 Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
TLE7368
Detailed Internal Circuits Description
Data Sheet
33
Rev. 2.1, 2010-11-22
5.10
Watchdog Circuit
Figure 8
Window Watchdog State Diagram
Principle of Operation:
A Window Watchdog is integrated in the TLE7368 to monitor a microcontroller. The Window Watchdog duty cycle
consists of an "Open window" and a "Closed window". The microcontroller that is being monitored has to send a
periodic falling edge trigger signal to the watchdog input pin WDI within the "Open Window". If a trigger signal is
not sent or if it is sent during the "Closed Window", then Watchdog Output (WDO) switches from high to low
signaling a potential microcontroller fault has occurred. The watchdog cycle time
T
WD is derived from the time base
T
Cycle. An external capacitor connected between pins RT and GND determines TCycle.
Initialization:
The Watchdog is switched off per default and activated by pulling WDI to low at least for the time
t
WD,start after RO_2
has turned to high. Watchdog input pin WDI has an integrated pull-up resistor
R
WDI connected to Q_LDO2. If WDI
transitions to high before
t
WD,start has elapsed, then the watchdog will not start operation. To initialize the Watchdog
the watchdog input WDI should transition to high within the "Ignore Window". The WDI signal may also transition
to high during the following "Open Window", but sufficient time must be left for a falling edge transition before the
end of the "Open Window". The watchdog function is turned off following a RO_2 reset, and must be reinitialized
to be turned back on.
Normal Operation:
Please refer to Figure 8.
The Watchdog starts operating in the "Ignore Window" state for a duration of
t
WD,IW. Within the "Ignore Window"
the microcontroller is given time to initialize. Any signal to watchdog input WDI within the "Ignore Window" is
ignored. After time
t
WD,IW, the watchdog transitions from the "Ignore Window" state to the "Open Window" state for
a maximum duration of
t
WD,W. Within the "Open Window" a valid trigger signal must be applied to the watchdog
AEA03533.VSD
No Trigger
Closed
Window
Open
Window
Trigger
WDO = LOW
Ignore
Window
Always
Always
No Trigger During
Open Window
Trigger During
Closed Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com