công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE7236EM bảng dữ liệu(PDF) 29 Page - Infineon Technologies AG

tên linh kiện TLE7236EM
Giải thích chi tiết về linh kiện  SPI Driver for Enhanced Relay Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7236EM bảng dữ liệu(HTML) 29 Page - Infineon Technologies AG

Back Button TLE7236EM Datasheet HTML 25Page - Infineon Technologies AG TLE7236EM Datasheet HTML 26Page - Infineon Technologies AG TLE7236EM Datasheet HTML 27Page - Infineon Technologies AG TLE7236EM Datasheet HTML 28Page - Infineon Technologies AG TLE7236EM Datasheet HTML 29Page - Infineon Technologies AG TLE7236EM Datasheet HTML 30Page - Infineon Technologies AG TLE7236EM Datasheet HTML 31Page - Infineon Technologies AG TLE7236EM Datasheet HTML 32Page - Infineon Technologies AG TLE7236EM Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
SPI Driver for Enhanced Relay Control
TLE7236EM
Serial Peripheral Interface (SPI)
Data Sheet
29
Rev. 1.0, 2010-02-18
Figure 11
Data Transfer in Daisy Chain Configuration
9.3
SPI Protocol
The control and diagnosis function of the TLE7236EM is based on two register banks which are accessed via
following SPI protocol. The control register bank contains eight registers (with 4 bit each) addressed by a 3 bit
pointer. The diagnosis register bank contains four registers (with 4 bit each) addressed by a 2 bit pointer. An
additional indication bit is available to differentiate between standard diagnosis information and data read from a
register bank.
Control and Diagnosis Mode
Note: Reading a register needs two SPI frames. In the first frame the RD command is sent. In the second frame,
the output at SPI signal SO will contain the requested information. Any command can be executed in the
second frame.
CS1)
1) This bit is valid between CS hi -> lo and first SCLK lo -> hi transition.
76
543
210
Write Register Command
SI
1
ADDR
DATA
Read Register Command
SI
0
ADDR
x
x
0
RB
Read Standard Diagnosis
SI
0x
x
x
x
x
1x
Standard Diagnosis
S
O
TER
0
AWK
LH
D67
D45
D23
D01
Second Frame of Read Command
S
O
TER
0
1
ADDR (Diagnosis)
DATA
S
O
TER
1
ADDR (Control)
DATA
MI
MO
MCS
MCLK
SI device 3
SI device 2
SI device 1
SO device 3
SO device 2
SO device 1
time
SPI_DasyChain2.emf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com