| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE5205-2GP bảng dữ liệu(PDF) 5 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE5205-2GP bảng dữ liệu(HTML) 5 Page - Infineon Technologies AG |
|
5 / 25 page ![]() TLE 5205-2 Overview Data Sheet 5 Rev. 1.1, 2007-07-31 1.5 Circuit Description Input Circuit The control inputs consist of TTL/CMOS-compatible schmitt-triggers with hysteresis. Buffer amplifiers are driven by this stages. Output Stages The output stages consist of a DMOS H-bridge. Integrated circuits protect the outputs against short-circuit to ground and to the supply voltage. Positive and negative voltage spikes, which occur when switching inductive loads, are limited by integrated freewheeling diodes. A monitoring circuit for each output transistor detects whether the particular transitor is active and in this case prevents the corresponding source transistor (sink transistor) from conducting in sink operation (source operation). Therefore no crossover currents can occur. 1.6 Input Logic Truth Table Functional Truth Table IN1 IN2 OUT1 OUT2 Comments L L H L Motor turns clockwise L H L H Motor turns counterclockwise H L L L Brake; both low side transistors turned-ON H H Z Z Open circuit detection Notes for Output Stage Symbol Value L Low side transistor is turned-ON High side transistor is turned-OFF H High side transistor is turned-ON Low side transistor is turned-OFF Z High side transistor is turned-OFF Low side transistor is turned-OFF |