| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE4953 bảng dữ liệu(PDF) 15 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4953 bảng dữ liệu(HTML) 15 Page - Infineon Technologies AG |
|
15 / 20 page ![]() TLE4953 TLE4953C Data Sheet 12 V 4.0, 2010-04 If the magnetic direction field exceeds ∆B Dir, the output pulse lengths are 60 µs or 120 µs respectively, depending on the direction of rotation. If the magnitude of the magnetic direction field is below ∆B dir, the output pulses are suppressed when the frequency is below fDR,max (see section vibration suppression). For magnitudes of the magnetic differential field below ∆B Limit the signal is lost. Speed pulse occur only at the first pulse after start up or above f DR, max. If no magnetic differential signal change is detected the IC will remain in calibrated mode. No internal reset are generated - therefore a zero speed operation is possible. Figure 6 Definition of PWM Current Interface AET03196 t pre-low = 30 µs Xn Xn+1 Xn+2 t S = 30 µs t DR-L = 2 x t S t DR-R = 4 x t S Transferred Signal: DR-R Transferred Signal: DR-L Transferred Signal: S Internal Sensor Speed Signal |