| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE4254GS bảng dữ liệu(PDF) 18 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4254GS bảng dữ liệu(HTML) 18 Page - Infineon Technologies AG |
|
18 / 21 page ![]() TLE4254 Package Outlines Data Sheet 18 Rev. 1.2, 2009-11-18 7 Package Outlines Figure 8 Outline and footprint PG-DSO-8 Find all packages, sorts of packing and others at the Infineon Internet Page “Packages”: http://www.infineon.com/packages. Dimensions in mm 0.35 x 45˚ 1) -0.2 4 C 0.64 ±0.2 6 ±0.25 0.2 8x M C 1.27 +0.1 0.41 0.2 M A -0.06 B 8x B 2) Index Marking 5-0.2 1) 4 1 85 A 1) Does not include plastic or metal protrusion of 0.15 max. per side 2) Lead width can be 0.61 max. in dambar area GPS01181 0.1 HLG05506 A L Reflow Soldering Dimensions: e = 1.27 A = 5.69 L = 1.31 B = 0.65 |