công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE4254GA bảng dữ liệu(PDF) 6 Page - Infineon Technologies AG

tên linh kiện TLE4254GA
Giải thích chi tiết về linh kiện  High Accuracy Low Dropout Voltage Tracking Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4254GA bảng dữ liệu(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4254GA Datasheet HTML 2Page - Infineon Technologies AG TLE4254GA Datasheet HTML 3Page - Infineon Technologies AG TLE4254GA Datasheet HTML 4Page - Infineon Technologies AG TLE4254GA Datasheet HTML 5Page - Infineon Technologies AG TLE4254GA Datasheet HTML 6Page - Infineon Technologies AG TLE4254GA Datasheet HTML 7Page - Infineon Technologies AG TLE4254GA Datasheet HTML 8Page - Infineon Technologies AG TLE4254GA Datasheet HTML 9Page - Infineon Technologies AG TLE4254GA Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TLE4254
General Product Characteristics
Data Sheet
6
Rev. 1.2, 2009-11-18
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings 1)
-40
°C ≤ Tj ≤ 150 °C; all voltages with respect to ground (unless otherwise specified).
Not subject to production test; specified by design.
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Voltages
4.1.1
Input voltage
V
I
-20
45
V
–
4.1.2
Adjust / Enable input voltage
V
ADJ/EN
-20
45
V
–
4.1.3
Output voltage
V
Q
-5
45
V
–
4.1.4
Feedback input voltage (version
GA / EJ A)
V
FB
-20
45
V
–
4.1.5
Status output voltage (version
GS / EJ S)
V
ST
-0.3
7
V
–
Temperatures
4.1.6
Junction Temperature
T
j
-40
150
°C–
4.1.7
Storage Temperature
T
stg
-50
150
°C–
ESD Rating
4.1.8
ESD Susceptibility
|V
ESD,HBM|
4–
kV
HBM 2)
2) ESD susceptibility Human Body Model “HBM” according to AEC-Q100-002 - JESD22-A114
4.1.9
|V
ESD,CDM|
1
–
kV
CDM 3)
3) ESD susceptibility Charged Device Model “CDM” according to ESDA STM5.3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com